Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16 Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 125Page - Microchip Technology PIC16 Datasheet HTML 126Page - Microchip Technology PIC16 Datasheet HTML 127Page - Microchip Technology PIC16 Datasheet HTML 128Page - Microchip Technology PIC16 Datasheet HTML 129Page - Microchip Technology PIC16 Datasheet HTML 130Page - Microchip Technology PIC16 Datasheet HTML 131Page - Microchip Technology PIC16 Datasheet HTML 132Page - Microchip Technology PIC16 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 129
PIC16(L)F1508/9
13.0 FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference (FVR) is a stable voltage
reference, independent of VDD, with a nominal output
level (VFVR) of 1.024V. The output of the FVR can be
configured to supply a reference voltage to the
following:
• ADC input channel
• Comparator positive input
• Comparator negative input
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
13.1
Independent Gain Amplifier
The output of the FVR supplied to the peripherals,
(listed above), is routed through a programmable gain
amplifier. Each amplifier can be programmed for a gain
of 1x, 2x or 4x, to produce the three possible voltage
levels.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence Section 15.0 “Analog-to-Digital Converter
(ADC) Module” for additional information.
The CDAFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the comparator modules.
Reference Section 17.0 “Comparator Module” for
additional information.
To minimize current consumption when the FVR is
disabled, the FVR buffers should be turned off by
clearing the Buffer Gain Selection bits.
13.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference and amplifier circuits to
stabilize. Once the circuits stabilize and are ready for use,
the FVRRDY bit of the FVRCON register will be set. See
the FVR Stabilization Period characterization graph,
Figure 30-65.
FIGURE 13-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
1x
2x
4x
1x
2x
4x
ADFVR<1:0>
CDAFVR<1:0>
FVR_buffer1
(To ADC Module)
FVR_buffer2
(To Comparators)
+
_
FVREN
FVRRDY
Note 1
2
2
Rev. 10-000053A
8/6/2013
Note 1: Any peripheral requiring the Fixed Reference (See Table 13-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com