Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1509 Datasheet(PDF) 43 Page - Microchip Technology

Part # F1509
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1509 Datasheet(HTML) 43 Page - Microchip Technology

Back Button F1509 Datasheet HTML 39Page - Microchip Technology F1509 Datasheet HTML 40Page - Microchip Technology F1509 Datasheet HTML 41Page - Microchip Technology F1509 Datasheet HTML 42Page - Microchip Technology F1509 Datasheet HTML 43Page - Microchip Technology F1509 Datasheet HTML 44Page - Microchip Technology F1509 Datasheet HTML 45Page - Microchip Technology F1509 Datasheet HTML 46Page - Microchip Technology F1509 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 43
PIC16(L)F1508/9
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111 = ECH:External clock, High-Power mode: on CLKIN pin
110 = ECM: External clock, Medium-Power mode: on CLKIN pin
101 = ECL: External clock, Low-Power mode: on CLKIN pin
100 = INTOSC oscillator: I/O function on CLKIN pin
011 = EXTRC oscillator: External RC circuit connected to CLKIN pin
010 = HS oscillator: High-speed crystal/resonator connected between OSC1 and OSC2 pins
001 = XT oscillator: Crystal/resonator connected between OSC1 and OSC2 pins
000 = LP oscillator: Low-power crystal connected between OSC1 and OSC2 pins
Note 1:
When FSCM is enabled, Two-Speed Start-up will be automatically enabled, regardless of the IESO bit value.
2:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
3:
Once enabled, code-protect can only be disabled by bulk erasing the device.
REGISTER 4-1:
CONFIG1: CONFIGURATION WORD 1 (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com