Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1509 Datasheet(PDF) 101 Page - Microchip Technology

Part # F1509
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F1509 Datasheet(HTML) 101 Page - Microchip Technology

Back Button F1509 Datasheet HTML 97Page - Microchip Technology F1509 Datasheet HTML 98Page - Microchip Technology F1509 Datasheet HTML 99Page - Microchip Technology F1509 Datasheet HTML 100Page - Microchip Technology F1509 Datasheet HTML 101Page - Microchip Technology F1509 Datasheet HTML 102Page - Microchip Technology F1509 Datasheet HTML 103Page - Microchip Technology F1509 Datasheet HTML 104Page - Microchip Technology F1509 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 101
PIC16(L)F1508/9
FIGURE 10-6:
FLASH PROGRAM MEMORY WRITE FLOWCHART
Start
Write Operation
End
Write Operation
CPU stalls while Write
operation completes
(2 ms typical)
No delay when writing to
Program Memory Latches
Determine number of
words to be written into
Program or Configuration
Memory. The number of
words cannot exceed the
number of words per row
(word_cnt)
Last word to
write ?
Disable Interrupts
(GIE =
0)
Select
Program or Config.
Memory (CFGS)
Select Row Address
(PMADRH:PMADRL)
Select Write Operation
(FREE =
0)
Load Write Latches Only
(LWLO =
1)
Enable Write/Erase
Operation (WREN =
1)
Load the value to write
(PMDATH:PMDATL)
Update the word counter
(word_cnt--)
Unlock Sequence
(See Note 1)
Increment Address
(PMADRH:PMADRL++)
Write Latches to Flash
(LWLO =
0)
Unlock Sequence
(See Note 1)
Disable Write/Erase
Operation (WREN =
0)
Re-enable Interrupts
(GIE =
1)
Yes
No
Rev. 10-000049A
7/30/2013
Note 1: See Figure 10-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com