Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF13N80K5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF13N80K5
Description  N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13N80K5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF13N80K5 Datasheet HTML 4Page - STMicroelectronics STF13N80K5 Datasheet HTML 5Page - STMicroelectronics STF13N80K5 Datasheet HTML 6Page - STMicroelectronics STF13N80K5 Datasheet HTML 7Page - STMicroelectronics STF13N80K5 Datasheet HTML 8Page - STMicroelectronics STF13N80K5 Datasheet HTML 9Page - STMicroelectronics STF13N80K5 Datasheet HTML 10Page - STMicroelectronics STF13N80K5 Datasheet HTML 11Page - STMicroelectronics STF13N80K5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STB13N80K5, STF13N80K5, STP13N80K5
8/20
DocID024348 Rev 3
Figure 14. Normalized gate threshold voltage vs
temperature
Figure 15. Normalized on-resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Output capacitance stored energy
VGS(th)
0.6
0.4
0.2
0
-100
TJ(°C)
(norm)
-50
0.8
50
0
100
ID=100µA
150
1
1.2
AM15696v1
RDS(on)
2
1.5
1
0.5
-100
TJ(°C)
(norm)
-50
50
0
100
2.5
0
VGS=10V
ID=6A
150
AM15697v1
VSD
0
4
ISD(A)
(V)
2
6
8
0.5
0.6
0.7
0.8
0.9
1
TJ=-50°C
TJ=150°C
TJ=25°C
10
AM15698v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500 600 700 800
AM15695v1
Figure 18. Maximum avalanche energy vs.
starting Tj
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
20
40
60
80
120 140
100
120
140
AM15700v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com