Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8557ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8557
Rev. C | Page 11 of 24
10
0.001
0.01
100
LOAD CURRENT (mA)
0.1
1
10
0.01
0.1
1
VSY = 5V
SOURCE
SINK
Figure 28. Output Voltage to Supply Rail vs. Load Current
100
–100
–50
175
TEMPERATURE (°C)
50
0
–50
–25
0
25
50
75
100
125
150
ILIMSRC 5V
ILIMSRC 2.7V
ILIMSINK 2.7V
ILIMSINK 5V
Figure 29. Output Short-Circuit vs. Temperature
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 30. Power-On Response at 25°C
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 31. Power-On Response at 125°C
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 32. Power-On Response at −40°C
175
100
–50
175
TEMPERATURE (°C)
160
145
130
115
–25
0
25
50
75
100
125
150
PSRR 2.7V TO 5.5V
Figure 33. PSRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com