Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1783 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1783
Description  28-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1783 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1783 Datasheet HTML 9Page - Microchip Technology PIC16F1783 Datasheet HTML 10Page - Microchip Technology PIC16F1783 Datasheet HTML 11Page - Microchip Technology PIC16F1783 Datasheet HTML 12Page - Microchip Technology PIC16F1783 Datasheet HTML 13Page - Microchip Technology PIC16F1783 Datasheet HTML 14Page - Microchip Technology PIC16F1783 Datasheet HTML 15Page - Microchip Technology PIC16F1783 Datasheet HTML 16Page - Microchip Technology PIC16F1783 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 444 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41579C-page 13
PIC16(L)F1782/3
TABLE 1-2:
PIC16(L)F1782/3 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN0-/C2IN0-/C3IN0-
RA0
TTL/ST CMOS General purpose I/O.
AN0
AN
—
A/D Channel 0 input.
C1IN0-
AN
—
Comparator C1 negative input.
C2IN0-
AN
—
Comparator C2 negative input.
C3IN0-
AN
—
Comparator C3 negative input.
RA1/AN1/C1IN1-/C2IN1-/
C3IN1-/OPA1OUT
RA1
TTL/ST CMOS General purpose I/O.
AN1
AN
—
A/D Channel 1 input.
C1IN1-
AN
—
Comparator C1 negative input.
C2IN1-
AN
—
Comparator C2 negative input.
C3IN1-
AN
—
Comparator C3 negative input.
OPA1OUT
—AN
Operational Amplifier 1 output.
RA2/AN2/C1IN0+/C2IN0+/
C3IN0+/DACOUT1/VREF-/
DACVREF-
RA2
TTL/ST CMOS General purpose I/O.
AN2
AN
—
A/D Channel 2 input.
C1IN0+
AN
—
Comparator C1 positive input.
C2IN0+
AN
—
Comparator C2 positive input.
C3IN0+
AN
—
Comparator C3 positive input.
DACOUT
—
AN
Digital-to-Analog Converter output.
VREF-
AN
—
A/D Negative Voltage Reference input.
DACVREF-
AN
—
Digital-to-Analog Converter negative reference.
RA3/AN3/VREF+(1)/C1IN1+/
DACVREF+
RA3
TTL/ST CMOS General purpose I/O.
AN3
AN
—
A/D Channel 3 input.
VREF+
AN
—
A/D Voltage Reference input.
C1IN1+
AN
—
Comparator C1 positive input.
DACVREF+
AN
—
Digital-to-Analog Converter positive reference.
RA4/C1OUT/OPA1IN+/T0CKI
RA4
TTL/ST CMOS General purpose I/O.
C1OUT
—
CMOS Comparator C1 output.
OPA1IN+
AN
—
Operational Amplifier 1 non-inverting input.
T0CKI
ST
—
Timer0 clock input.
RA5/AN4/C2OUT(1)/OP1INA-/
SS
RA5
TTL/ST CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
C2OUT
—
CMOS Comparator C2 output.
OPA1IN-
AN
—
Operational Amplifier 1 inverting input.
SS
ST
—
Slave Select input.
RA6/C2OUT/OSC2/CLKOUT
RA6
TTL/ST CMOS General purpose I/O.
C2OUT
—
CMOS Comparator C2 output.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be assigned to one of two locations via software. See Register 13-1.
2:
All pins have Interrupt-on-Change functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com