Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1826 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1826
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1826 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1826 Datasheet HTML 9Page - Microchip Technology PIC16F1826 Datasheet HTML 10Page - Microchip Technology PIC16F1826 Datasheet HTML 11Page - Microchip Technology PIC16F1826 Datasheet HTML 12Page - Microchip Technology PIC16F1826 Datasheet HTML 13Page - Microchip Technology PIC16F1826 Datasheet HTML 14Page - Microchip Technology PIC16F1826 Datasheet HTML 15Page - Microchip Technology PIC16F1826 Datasheet HTML 16Page - Microchip Technology PIC16F1826 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 400 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS41391B-page 13
PIC16F/LF1826/27
TABLE 1-2:
PIC16F/LF1826/27 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/CPS0/C12IN0-/
SDO2(2)
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel 0 input.
CPS0
AN
—
Capacitive sensing input 0.
C12IN0-
AN
—
Comparator C1 or C2 negative input.
SDO2
—
CMOS SPI data output.
RA1/AN1/CPS1/C12IN1-/SS2(2)
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel 1 input.
CPS1
AN
—
Capacitive sensing input 1.
C12IN1-
AN
—
Comparator C1 or C2 negative input.
SS2
ST
—
Slave Select input 2.
RA2/AN2/CPS2/C12IN2-/
C12IN+/VREF-/DACOUT
RA2
TTL
CMOS General purpose I/O.
AN2
AN
—
A/D Channel 2 input.
CPS2
AN
—
Capacitive sensing input 2.
C12IN2-
AN
—
Comparator C1 or C2 negative input.
C12IN+
AN
—
Comparator C1 or C2 positive input.
VREF-
AN
—
A/D Negative Voltage Reference input.
DACOUT
—
AN
Voltage Reference output.
RA3/AN3/CPS3/C12IN3-/C1IN+/
VREF+/C1OUT/CCP3(2)/SRQ
RA3
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel 3 input.
CPS3
AN
—
Capacitive sensing input 3.
C12IN3-
AN
—
Comparator C1 or C2 negative input.
C1IN+
AN
—
Comparator C1 positive input.
VREF+
AN
—
A/D Voltage Reference input.
C1OUT
—
CMOS Comparator C1 output.
CCP3
ST
CMOS Capture/Compare/PWM3.
SRQ
—
CMOS SR Latch non-inverting output.
RA4/AN4/CPS4/C2OUT/T0CKI/
CCP4(2)/SRNQ
RA4
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
CPS4
AN
—
Capacitive sensing input 4.
C2OUT
—
CMOS Comparator C2 output.
T0CKI
ST
—
Timer0 clock input.
CCP4
ST
CMOS Capture/Compare/PWM4.
SRNQ
—
CMOS SR Latch inverting output.
RA5/MCLR/VPP/SS1(1,2)
RA5
TTL
CMOS General purpose I/O.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
SS1
ST
—
Slave Select input 1.
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be moved using the APFCON register(s).
2:
Functions are only available on the PIC16F/LF1827.
3:
Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com