Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS25R82J Datasheet(PDF) 2 Page - Tyco Electronics

Part # THS25R82J
Description  Aluminium Housed Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

THS25R82J Datasheet(HTML) 2 Page - Tyco Electronics

  THS25R82J Datasheet HTML 1Page - Tyco Electronics THS25R82J Datasheet HTML 2Page - Tyco Electronics THS25R82J Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-25
0
25
50
75
100
125 150
175 200
225 250275
0.01
0.1
1
10
100
1000
10000
100000
Resistance (Ohms)
Heatsink Temp. (degC)
75
60
50
40
30
20
10
0
400
350
300
250
200
150
100
50
0
THS10
THS15
THS25
THS50
THS75
Pulse Energy THS10 to THS75
Derating Curve THS10 to THS75
Literature No. 1773277
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Aluminium Housed Power Resistors
Type THS Series
M
L
H
4 x Mounting Hole
HSC75 - 4.4mm
Dimensions -
THS75
Type
H±0.3
J±0.3
K±0.2
L Max
M Max
N Max
P Max
R Min
T±0.5
U Max
THS75
29.0
37.0
4.4
49.0
71.0
47.5
26.0
5.0
11.5
3.5
THS10
THS15
THS25
THS50
THS75



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com