Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB10N60M2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB10N60M2
Description  N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N60M2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB10N60M2 Datasheet HTML 9Page - STMicroelectronics STB10N60M2 Datasheet HTML 10Page - STMicroelectronics STB10N60M2 Datasheet HTML 11Page - STMicroelectronics STB10N60M2 Datasheet HTML 12Page - STMicroelectronics STB10N60M2 Datasheet HTML 13Page - STMicroelectronics STB10N60M2 Datasheet HTML 14Page - STMicroelectronics STB10N60M2 Datasheet HTML 15Page - STMicroelectronics STB10N60M2 Datasheet HTML 16Page - STMicroelectronics STB10N60M2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID024710 Rev 2
13/24
STB10N60M2, STD10N60M2, STP10N60M2, STU10N60M2
Package mechanical data
Table 10. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com