Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP10N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP10N60M2
Description  N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP10N60M2 Datasheet HTML 3Page - STMicroelectronics STP10N60M2 Datasheet HTML 4Page - STMicroelectronics STP10N60M2 Datasheet HTML 5Page - STMicroelectronics STP10N60M2 Datasheet HTML 6Page - STMicroelectronics STP10N60M2 Datasheet HTML 7Page - STMicroelectronics STP10N60M2 Datasheet HTML 8Page - STMicroelectronics STP10N60M2 Datasheet HTML 9Page - STMicroelectronics STP10N60M2 Datasheet HTML 10Page - STMicroelectronics STP10N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID024710 Rev 2
7/24
STB10N60M2, STD10N60M2, STP10N60M2, STU10N60M2
Electrical characteristics
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage
vs. temperature
Figure 12. Normalized on-resistance vs
temperature
Figure 13. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
Qg(nC)
(V)
2
8
10
VDD=480V
300
200
100
0
400
VDS
4
500
VDS
(V)
ID=7.5A
6
8
10
12
12
AM15825v1
RDS(on)
0.56
0.55
0.54
0.53
2
ID(A)
(
Ω)
1
3
0.57
4
5
VGS=10V
0.58
6
7
AM15826v1
C
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
1000
AM15827v1
VGS(th)
0.8
0.7
TJ(°C)
(norm)
-50
0.9
-25
50
100
0
25
75
125
1.0
1.1
ID=250 µA
AM15828v1
RDS(on)
1.3
1.1
0.9
0.7
TJ(°C)
(norm)
0.5
-50
-25
0
25
ID=3 A
50
75
100
125
1.5
1.7
1.9
2.1
2.3
2.5
AM15829v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
6
7
1
1.2
1.4
AM15830v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com