Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU10N60M2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STU10N60M2
Description  N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU10N60M2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STU10N60M2 Datasheet HTML 16Page - STMicroelectronics STU10N60M2 Datasheet HTML 17Page - STMicroelectronics STU10N60M2 Datasheet HTML 18Page - STMicroelectronics STU10N60M2 Datasheet HTML 19Page - STMicroelectronics STU10N60M2 Datasheet HTML 20Page - STMicroelectronics STU10N60M2 Datasheet HTML 21Page - STMicroelectronics STU10N60M2 Datasheet HTML 22Page - STMicroelectronics STU10N60M2 Datasheet HTML 23Page - STMicroelectronics STU10N60M2 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID024710 Rev 2
23/24
STB10N60M2, STD10N60M2, STP10N60M2, STU10N60M2
Revision history
6
Revision history
Table 15. Document revision history
Date
Revision
Changes
29-May-2013
1
First release.
06-Dec-2013
2
– Added: D
2
PAK package
– Modified: title and R
DS(on)
values in cover page
– Modified: R
DS(on)
values in
Table 5
– Modified: R
G
value in
Table 6
– Modified:
Figure 9 and I
D
value in
Figure 12
– Added:
Table 9, 13, Figure 22 and 23
– Updated:
Table 10, 11, Figure 24, 25 and 26
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com