Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2671 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2671
Description  Li-ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2671 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2671 Datasheet HTML 1Page - Monolithic Power Systems MP2671 Datasheet HTML 2Page - Monolithic Power Systems MP2671 Datasheet HTML 3Page - Monolithic Power Systems MP2671 Datasheet HTML 4Page - Monolithic Power Systems MP2671 Datasheet HTML 5Page - Monolithic Power Systems MP2671 Datasheet HTML 6Page - Monolithic Power Systems MP2671 Datasheet HTML 7Page - Monolithic Power Systems MP2671 Datasheet HTML 8Page - Monolithic Power Systems MP2671 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2671 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2671 Rev. 0.9
www.MonolithicPower.com
2
2/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
VIN
VIN
GND
WRN
N/C
N/C
1
2
3
4
5
6
N/C
OUT
OUT
ILIM
VB
EN
12
11
10
9
8
7
EXPOSED PAD
(CONNECT TO GND)
Part Number*
Package
MP2671DL
QFN12
(3mm x 4mm)
Temperature
Top Marking
–40
°C to +85°C
2671
* For Tape & Reel, add suffix –Z (g. MP2671DL–Z)
For RoHS compliant packaging, add suffix –LF
(e.g. MP2671DL–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND ..................................... –0.3V to 30V
OUT and VB to GND ....................... –0.3V to 7V
Other Pins (ILIM, WRN , EN ).......... –0.3V to 5.5V
Junction Temperature...............................150
°C
Lead Temperature (Solder) ........................ 260
°
Storage Temperature ..............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN.......................... 4.3V to 5.5V
Operating Current Range………….. 0A to 1.5A
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN12 (3mm x 4mm)............. 48 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7 4 layers board.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power-On Reset
Rising VIN Threshold
VPOR
2.4
2.58
2.7
V
POR Hysteresis
110
mV
When enabled
0.6
mA
VIN Bias Current
IVIN
When disabled
25
µA
Protection
Input Over-voltage Protection
(OVP)
VOVP
5.65
5.85
6.0
V
Input OVP Hysteresis
50
mV
Input OVP Falling Threshold
5.55
V
Input OVP Propagation Delay
1
µs
Over-current Protection
IOCP
VVB = 3V, RILIM = 25kΩ
0.93
1.0
1.07
A
Overcurrent Protection Blanking
Time
BTOCP
170
µs
Battery Over-voltage Protection
Threshold
VBOVP
4.28
4.34
4.4
V
Battery OVP Threshold
Hysteresis
30
mV
Battery OVP Falling Threshold
4.225
V
Battery OVP Blanking Time
BTBOVP
180
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com