Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2674 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2674
Description  Li-Ion Battery Charger Protection Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2674 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2674 Datasheet HTML 1Page - Monolithic Power Systems MP2674 Datasheet HTML 2Page - Monolithic Power Systems MP2674 Datasheet HTML 3Page - Monolithic Power Systems MP2674 Datasheet HTML 4Page - Monolithic Power Systems MP2674 Datasheet HTML 5Page - Monolithic Power Systems MP2674 Datasheet HTML 6Page - Monolithic Power Systems MP2674 Datasheet HTML 7Page - Monolithic Power Systems MP2674 Datasheet HTML 8Page - Monolithic Power Systems MP2674 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2674 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2674 Rev. 0.9
www.MonolithicPower.com
2
11/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2674EG
QFN8 (2mm x 2mm)
2Q
-20
°C to +85°C
*For Tape & Reel, add suffix –Z (e.g. MP2674EG–Z):
For RoHS compliant packaging, add suffix –LF (e.g. MP2674EG–LF–Z).
PACKAGE REFERENCE
TOP VIEW
VIN
GND
FLT
NC
1
2
3
4
OUT
ILIM
VB
GND
8
7
6
5
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND.......................................-0.3V to 30V
OUT and VB to GND.........................-0.3V to 7V
Other Pins (ILIM, FLT )...................-0.3V to 5.5V
Continuous Power Dissipation...(TA = +25°C)
(2)
....................................................…....1.25W
Junction Temperature...............................150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..........................4.3V to 5.5V
Operating Current Range…………….0A to 1.5A
Operating Junct. Temp (TJ)...... -20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2mm x 2mm).............. 100 ..... 55...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com