Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3216 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3216
Description  36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3216 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3216 Datasheet HTML 1Page - Monolithic Power Systems MP3216 Datasheet HTML 2Page - Monolithic Power Systems MP3216 Datasheet HTML 3Page - Monolithic Power Systems MP3216 Datasheet HTML 4Page - Monolithic Power Systems MP3216 Datasheet HTML 5Page - Monolithic Power Systems MP3216 Datasheet HTML 6Page - Monolithic Power Systems MP3216 Datasheet HTML 7Page - Monolithic Power Systems MP3216 Datasheet HTML 8Page - Monolithic Power Systems MP3216 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP3216 –36V, 1.3MHz STEP-UP CONVERTER WITH A 0.75A SWITCH
MP3216 Rev. 0.92
www.MonolithicPower.com
2
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
* For Tape & Reel, add suffix –Z (e.g. MP3216DJ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3216DJ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
EN
FB
SW
GND
6
1
2
3
5
4
IN
L
ABSOLUTE MAXIMUM RATINGS
(1)
SW Pin..........................................-0.5V to +40V
All Other Pins...............................-0.3V to +6.5V
Continuous Power Dissipation
(TA = +25°C)
(2)
.......................................................... 0.56 W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -55
°C to +150°C
Recommended Operating Conditions
(3)
IN Supply Voltage ..............................2.5V to 6V
SW Pin................................................VIN to 36V
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6 ..............................220 .... 110 ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3216DJ
TSOT23-6
6H
-40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com