Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3302DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3302DD
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3302DD Datasheet HTML 1Page - Monolithic Power Systems MP3302DD Datasheet HTML 2Page - Monolithic Power Systems MP3302DD Datasheet HTML 3Page - Monolithic Power Systems MP3302DD Datasheet HTML 4Page - Monolithic Power Systems MP3302DD Datasheet HTML 5Page - Monolithic Power Systems MP3302DD Datasheet HTML 6Page - Monolithic Power Systems MP3302DD Datasheet HTML 7Page - Monolithic Power Systems MP3302DD Datasheet HTML 8Page - Monolithic Power Systems MP3302DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
2
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP3302DJ*
TSOT23-5
N6
–40
°C to +85°C
MP3302DD**
QFN8 (2mm x 3mm)
N7
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3302DJ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3302DJ–LF–Z).
** For Tape & Reel, add suffix –Z (e.g. MP3302DD–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3302DD–LF–Z)
PACKAGE REFERENCE
TOP VIEW
GND
IN
NC
EN
1
2
3
4
SW
NC
FB
GND
8
7
6
5
Exposed Pad
Connect to GND
TSOT23-5
QFN8 (2mm x 3mm)
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin.........................................–0.5V to +44V
All Other Pins..............................–0.3V to +6.5V
Continuous Power Dissipation…(TA = +25°C)
(2)
TSOT23-5 ................................................ 0.57W
QFN8 (2mm x 3mm) ................................ 1.56W
Storage Temperature.............. –55
°C to +150°C
Recommended Operating Conditions
(3)
IN Supply Voltage ..............................2.5V to 6V
SW Pin................................................VIN to 36V
Operating Junction Temp. (TJ)..... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
QFN8 (2mm x 3mm)............... 80 ...... 16...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on approximately 1” square of 1 oz copper.
SW
GND
FB
1
2
3
5
4
IN
EN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com