Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3304 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3304
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3304 Datasheet HTML 1Page - Monolithic Power Systems MP3304 Datasheet HTML 2Page - Monolithic Power Systems MP3304 Datasheet HTML 3Page - Monolithic Power Systems MP3304 Datasheet HTML 4Page - Monolithic Power Systems MP3304 Datasheet HTML 5Page - Monolithic Power Systems MP3304 Datasheet HTML 6Page - Monolithic Power Systems MP3304 Datasheet HTML 7Page - Monolithic Power Systems MP3304 Datasheet HTML 8Page - Monolithic Power Systems MP3304 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
2
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Over Voltage
Protection
Package
Top Marking
Free Air
Temperature (TA)
MP3304ADD**
38V
QFN8(2x 3mm)
5Q
–40
°C to +85°C
MP3304BDD**
26V
QFN8(2x 3mm)
6R
–40
°C to +85°C
MP3304CDD
20V
QFN8(2x 3mm)
2G
–40
°C to +85°C
*For Tape & Reel, add suffix –Z (eg. MP3304 x DD-Z).
For RoHS compliant packaging, add suffix –LF (eg. MP3304 xDD–LF–Z)
**Contact Factory for Availability
PACKAGE REFERENCE
TOP VIEW
SW
PGND
IN
N/C
1
2
3
4
GND
ISET
LED
EN
8
7
6
5
EXPOSED PAD
CONNECTED TO GND
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin, LED Pin..........................–0.5V to +42V
All Other Pins..............................–0.3V to +6.5V
Storage Temperature.............. –55
°C to +150°C
Continuous Power Dissipation
(TA = +25°C)
(2)
…………………………………………………1.9W
Recommended Operating Conditions
(3)
IN Supply Voltage .................................3V to 6V
SW Pin
MP3304ADD................................... VIN to +36V
MP3304BDD.................................... VIN to +24V
MP3304CDD.................................... VIN to +18V
Operating Junct. Temp (TJ)..... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN8 2x3mm..........................65 ...... 13 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-
TA) /θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com