Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3351 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3351
Description  60V, 2A Integrated Photo Flash Charger With IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP3351 Datasheet HTML 1Page - Monolithic Power Systems MP3351 Datasheet HTML 2Page - Monolithic Power Systems MP3351 Datasheet HTML 3Page - Monolithic Power Systems MP3351 Datasheet HTML 4Page - Monolithic Power Systems MP3351 Datasheet HTML 5Page - Monolithic Power Systems MP3351 Datasheet HTML 6Page - Monolithic Power Systems MP3351 Datasheet HTML 7Page - Monolithic Power Systems MP3351 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP3351 – 60V, 2A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER
MP3351 Rev. 0.91
www.MonolithicPower.com
7
9/2/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
APPLICATION INFORMATION
MP3351 controlled flyback charger operates in
critical conduction mode with peak current set
by ISET pin. Output voltage is divided down
through R1, R2 and R3 from the positive
terminal of the transformer secondary and
compares with 1.20V at FB pin. The low to high
transition of CHARGE pin will enable the
flyback converter to switch.
A minimum TOFF of 20µS provides a minimum
OFF time at the beginning of charging when
DCM comparator always trips because VOUT is
still near zero, Min TOFF will be reduced to
400nS after VO>16V. Charger may enter DCM
mode when charge is close to full and actual
OFF time is less than minimum TOFF. Circuit
will stop switching and RDYB will be pulled low
once the flash capacitor is charged to 300V, a
value set by R1, R2 and R3. When the part is
ready the internal dissipation is reduced to just
the circuits for IGBT driver. Toggle CHARGE
pin will start charge again. Bringing CHARGE
pin low terminates the power delivery and put
the part in shutdown. A maximum TON timer
prevents pulling current from starved power
source. If the ON time exceeds maximum TON,
the switch is forced OFF regardless of IPEAK
detection. Integrated IGBT driver uses VIN as its
power supply.
DCM Comparator
DCM boundary is reached when V(FB) drops to
zero. The DCM comparator compares V(FB)
and a fixed offset voltage of 25mV to account
for the comparator delay.
Charge Speed
The output capacitor charging speed is
determined by:
LIM
CHARGE
IN
OUT
I
T
1N
VV
∝
+
Setting Peak Charge Current
MP3351’s peak charge current (ISET) can be set
by an external resistor, RSET from the ISET pin
to ground. The value of RSET can be calculated
from:
SET
SET
50
R(K )
I(A)
Ω=
For example, for 2A peak charge current, RSET
is 24.9kΩ.
Primary Inductance
The primary inductance is calculated based on
the minimum off time period:
OUT MIN,OFF
PRIMARY
PEAK
VT
L
NI
≥
VOUT: output voltage about 300V
TMIN, OFF: Minimum off time 400nsec.
IPEAK: primary peak current
Turns Ratio
The minimum turns ratio of the flyback
transformer is obtained as:
OUT
DS
IN
V
N
VV
≥
−
VDS: FET drain-source voltage
VIN: Input voltage 3~5V
Setting Output Voltage
The output voltage is set by selecting the
resistive voltage divider ratio. If we use
1.2kFor the low side resistor (R3) of the
voltage divider, we can determine the high side
resistor (R1, R2) by the equation:
OUT
FB
FB
VV
1
R1 R2
R3
2V
−
==
Typical
values
are
R1=R2=150kΩ
and
R3=1.2kΩ.
Output Diode Selection
The reverse voltage of the output diode is
determined by:
DOUT
IN
VV
NV
=
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com