Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3351DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3351DQ
Description  60V, 2A Integrated Photo Flash Charger With IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3351DQ Datasheet HTML 1Page - Monolithic Power Systems MP3351DQ Datasheet HTML 2Page - Monolithic Power Systems MP3351DQ Datasheet HTML 3Page - Monolithic Power Systems MP3351DQ Datasheet HTML 4Page - Monolithic Power Systems MP3351DQ Datasheet HTML 5Page - Monolithic Power Systems MP3351DQ Datasheet HTML 6Page - Monolithic Power Systems MP3351DQ Datasheet HTML 7Page - Monolithic Power Systems MP3351DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP3351 – 60V, 2A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER
MP3351 Rev. 0.91
www.MonolithicPower.com
2
9/2/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
2
3
4
13
14
15
16
8
7
6
5
12
11
10
9
Part Number*
Package
Temperature
MP3351DQ
QFN16-3
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3351DQ–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP3351DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND ........................................-0.3V to 6V
CHARGE, ISET, IGBTIN, RDYB to GND..-0.3V to 6V
FB to GND ........................................-0.3V to 6V
SW to GND.....................................-0.3V to 60V
Maximum Operating Frequency .............400kHz
Operating Temperature Ranges ....-40°C to +85°C
Storage Temperature ...............-55°C to +150°C
Junction Temperature.............................+150°C
Lead Temperature (Solder) ....................+260°C
Thermal Resistance
(2)
θJA
θJC
QFN16 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
(VIN=V (CHARGE)=3.3V, TA = +25°C, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
Photoflash Capacitor Charger
VIN Voltage Range
3
6
V
VIN UVLO
Rising edge, hysteresis = 200mV
2.7
2.8
2.9
V
VIN Quiescent Current
V(CHARGE)=High, V(SW) = 0, free
run by TONMAX
2.5
5
mA
VIN Quiescent Current
V(CHARGE)=High, V(FB) = 1.3V
50
µA
Shutdown Current from VIN
V(CHARGE)=Low, VIN =3.3V
1
µA
VSW Leakage Current
VIN=3.3V,VSW=60V, in Shutdown
2
µA
SW ON resistance between SW
and GND
Switch turn-on
0.2
Ω
Charge Input High Voltage
2.4
V
Charge Input Low Voltage
0.6
V
Pull-down resistance of
CHARGE pin
V(CHARGE)=3.3V
100
kΩ
IPEAK1
RSET=43.1kΩ
1.08
1.20
1.32
A
IPEAK2
RSET=100kΩ
0.3
0.5
0.7
A
Charge completion detect
voltage at FB
1.176
1.20
1.224
V
FB input bias current I(FB)
-0.2
0.2
µA
DCM Comparator threshold
With 1.2KΩ (1%) connected to FB
15
25
35
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com