Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3356DG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3356DG
Description  High Voltage Photo Flash Charger and IGBT Driver for DSC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3356DG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3356DG Datasheet HTML 1Page - Monolithic Power Systems MP3356DG Datasheet HTML 2Page - Monolithic Power Systems MP3356DG Datasheet HTML 3Page - Monolithic Power Systems MP3356DG Datasheet HTML 4Page - Monolithic Power Systems MP3356DG Datasheet HTML 5Page - Monolithic Power Systems MP3356DG Datasheet HTML 6Page - Monolithic Power Systems MP3356DG Datasheet HTML 7Page - Monolithic Power Systems MP3356DG Datasheet HTML 8Page - Monolithic Power Systems MP3356DG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP3356 – HIGH VOLTAGE PHOTO FLASH CHARGER AND IGBT DRIVER FOR DSC
MP3356 Rev. 0.91
www.MonolithicPower.com
4
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IGBTIN
Logic Input Pin for IGBT Drive.
2
IGBTOUT
Output Drive for IGBT Gate. Connect this pin to the gate of the IGBT.
3
SW
Switch Pin. This is the drain of the internal power switch.
4
PG
Open-Drain Power-Ready Output.
PG becomes low when the output voltage is
reached.
5
FB
Feedback Pin. Its trip voltage is 300V
6
EN
Charge Enable Pin. A low to high transition on this pin puts the part into power delivery
mode. Once the target voltage is reached, the part will stop charging the output. Toggle
this pin will start charging again. Bring this pin low will terminate the power delivery and
put the part in shutdown.
7
PGND
Power Ground
8
AGND
Analog ground. Tie it directly to local ground plane.
9,10
VIN
Input Supply Pin. Connect it to system supply voltage. Bypass VIN to AGND with a
0.1uF or greater ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com