Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388DR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3388DR
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3388DR Datasheet HTML 1Page - Monolithic Power Systems MP3388DR Datasheet HTML 2Page - Monolithic Power Systems MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems MP3388DR Datasheet HTML 5Page - Monolithic Power Systems MP3388DR Datasheet HTML 6Page - Monolithic Power Systems MP3388DR Datasheet HTML 7Page - Monolithic Power Systems MP3388DR Datasheet HTML 8Page - Monolithic Power Systems MP3388DR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP3388- 50V, 8-STRING WHITE LED DRIVERS
MP3388 Rev. 1.0
www.MonolithicPower.com
2
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP3388DR*
QFN24 (4x4mm)
3388DR
-40
°C TO +85°C
MP3388EY
SOIC28
MP3388EY
-20
°C TO +85°C
*
For Tape & Reel, add suffix –Z (e.g. MP3388DR–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3388DR–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
6
18
17
16
15
14
13
EN
OSC
FSET
PWMO
GND
PWMI
PGND1
PGND2
OVP
LED1
LED2
LED3
789
10
11
12
24
23
22
21
20
19
Exposed Pad
Connect to GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
VFAULT
COMP
VIN
VCC
EN
OSC
FSET
PWMO
GND
PWMI
LED8
LED7
LED6
LED5
SW1
NC
SW2
NC
PGND1
PGND2
OVP
LED1
LED2
LED3
LED4
NC
ISET
NC
QFN24 (4X4mm)
SOIC28
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .................................................-0.3V to +30V
VVFAULT........................................... VIN - 6V to VIN
VSW................................................-0.3V to +50V
VLED1 to VLED8.................................-0.3V to +50V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
QFN24 (4x4mm)………………………….....2.9W
SOIC28…………………………… ……....2.1W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 25V
Maximum Junction Temp. (TJ) ..................125°C
Thermal Resistance
(4)
θJA
θJC
QFN24 (4x4mm) ...................42 ....... 9 ....
°C/W
SOIC28 .................................60 ...... 30 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-ambient
thermal resistance θJA, and the ambient temperature TA. The
maximum allowable continuous power dissipation at any
ambient temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects
the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com