Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388SGR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3388SGR
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388SGR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3388SGR Datasheet HTML 7Page - Monolithic Power Systems MP3388SGR Datasheet HTML 8Page - Monolithic Power Systems MP3388SGR Datasheet HTML 9Page - Monolithic Power Systems MP3388SGR Datasheet HTML 10Page - Monolithic Power Systems MP3388SGR Datasheet HTML 11Page - Monolithic Power Systems MP3388SGR Datasheet HTML 12Page - Monolithic Power Systems MP3388SGR Datasheet HTML 13Page - Monolithic Power Systems MP3388SGR Datasheet HTML 14Page - Monolithic Power Systems MP3388SGR Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP3388S—50V, 8-STRING, WHITE LED DRIVERS
MP3388S Rev.1.01
www.MonolithicPower.com
13
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Table 1: PWM Frequency Range and Dimming
Duty Cycle
fPWM(Hz)
DMIN
DMAX
100<f≤200
0.16%
100%
200<f≤500
0.40%
100%
500<f≤1k
0.80%
100%
1k<f≤2k
1.60%
100%
2k<f≤5k
4.00%
100%
5k<f≤10k
8.00%
100%
10k<f≤20k
16.00%
100%
20k<f≤22k
18.00%
100%
22k<f≤25k
20.00%
100%
25k<f≤30k
24.00%
100%
Direct PWM Dimming with Negative Logic
Similar to direct PWM dimming with positive logic.
Apply a 100Hz-to-30 kHz external square
waveform to the PWMO pin for negative-logic
PWM dimming. The minimum recommended
amplitude of the PWM signal is 1.5V (see Figure
8).
Figure 8: Direct PWM Dimming
DC-Input PWM Dimming with Negative Logic
For negative-logic DC-input PWM dimming, apply
an analog signal (from 0.2V to 1.2V) to the PWMO
pin. If applying a PWMO DC voltage <0.2V, the
PWM duty cycle will be 100%. For PWMO DC
voltages >1.2V, the output will be 0% (See Figure
9). The capacitor on the FPWM pin sets the
internal triangle waveform frequency.
Figure 9: DC-Input PWM Dimming
Selecting the Inductor
A larger inductor results in less ripple current,
lowering both the peak inductor current and stress
on the internal N-channel MOSFET. However, a
larger value inductor is larger physical size with a
higher series resistance and a lower saturation
current.
Choose an inductor that does not saturate under
worst-case load conditions. Select the minimum
inductance value to ensure that the boost
converter works in continuous conduction mode,
for high efficiency and good EMI performance.
Calculate the minimum inductance value with:
2
OUT
LOAD
SW
VD (1 D)
L
2I
f

  

IN
OUT
V
D1
V

Where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, ILOAD is the
LED load current, and η is the efficiency.
Use either a 10μH (at a 1.25MHz switching
frequency) or a 22µH (at a 625kHz switching
frequency) inductor with a DC current rating of at
least 40% higher than the maximum input current
for most applications. Select an inductor with the
smallest-possible DC resistance for greatest
efficiency.
Selecting the Input Capacitor
The input capacitor reduces both the surge
current drawn from the input supply and the
switching noise from the device. The input
capacitor impedance at the switching frequency
should be less than the input source impedance to
prevent high-frequency switching current from
passing through the input. For best results, use
ceramic capacitors with X5R or X7R dielectrics
because of their low ESR and small temperature
coefficients. For most applications, use a 4.7μF
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com