Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA109-310 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA109-310
Description  GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA109-310 Datasheet(HTML) 2 Page - Alpha Industries

  AA109-310 Datasheet HTML 1Page - Alpha Industries AA109-310 Datasheet HTML 2Page - Alpha Industries AA109-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5–2.5 GHz
AA109-310
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/01A
Dimensions in inches (mm).
0.122
(3.10 mm)
SQ.
0.020 (0.50 mm)
0.020
(0.50 mm)
0.020 (0.50 mm)
0.020
(0.50 mm)
0.013 (0.33 mm)
Surface Mount Land Pattern
5 x 5 mm MLF 32 Lead
Truth Table
J1–J2
Reset
1 dB
2 dB
4 dB
8 dB
16 dB
Attenuation
1
1
1
1
1
1
Insertion Loss
1
0
1
1
1
1
1 dB
1
1
0
1
1
1
2 dB
1
1
1
0
1
1
4 dB
1
1
1
1
0
1
8 dB
1
1
1
1
1
0
16 dB
1
0
0
0
0
0
31 dB
0
X
X
X
X
X
31 dB
Characteristic
Value
Supply Voltage (VCC)
-0.5 to +6 V
Input Voltage (VI)
-0.5 – VCC + 0.5 V
Power Dissipation (PD)
500 mW
Storage Temperature (TST)
-65°C to +125°C
Operating Temperature (TOP)
-40°C to +85°C
Absolute Maximum Ratings
Typical Performance Data (VCC = +5 V)
Insertion Loss vs. Frequency
Frequency (GHz)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Attenuation Accuracy vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
VSWR vs. Frequency
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0.5
1.0
1.5
2.0
2.5
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Serial Data Input
VIL (0) = 0 to 0.5 V.
VIH (1) = 3.5 to 5 V.
X = Don’t Care.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com