Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394S Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3394S
Description  Step-Up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394S Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3394S Datasheet HTML 1Page - Monolithic Power Systems MP3394S Datasheet HTML 2Page - Monolithic Power Systems MP3394S Datasheet HTML 3Page - Monolithic Power Systems MP3394S Datasheet HTML 4Page - Monolithic Power Systems MP3394S Datasheet HTML 5Page - Monolithic Power Systems MP3394S Datasheet HTML 6Page - Monolithic Power Systems MP3394S Datasheet HTML 7Page - Monolithic Power Systems MP3394S Datasheet HTML 8Page - Monolithic Power Systems MP3394S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP3394S
Step-Up, 4-String
Max 200mA/String White LED Driver
MP3394S Rev. 1.03
www.MonolithicPower.com
1
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3394S is a step-up controller with 4
current channels. It’s designed to drive WLED
arrays for large-size LCD-panel backlighting
applications. The MP3394S is flexible, and can
expand the number of LED channels with 1 or 2
MP3394S in parallel operating from a single
inductive power source.
The MP3394S uses an architecture of current –
mode and fixed operation frequency The
frequency is programmable by an external
frequency-setting resistor. MP3394S drives an
external MOSFET to boost up the output
voltage from a 5V to 28V input supply. It
regulates the current in each LED string to the
programmed value set by an external current-
setting resistor.
The MP3394S applies 4 internal current
sources for current balance. The current
matching can achieve 2.5% regulation accuracy
between strings. Its low regulation voltage on
LED current sources reduces power loss and
improves efficiency.
An external PWM input signal or DC input
signal controls PWM dimming. In DC-input
dimming mode, the dimming PWM signal can
be generated internally and the dimming
frequency is programmed by an external setting
capacitor.
FEATURES
• 4-String, Max 200mA/String WLED Driver
• 5V to 28V Input Voltage Range
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Protection
• Programmable Over-Voltage Protection
• Cascading Capability with a Single Power
Source
• Under-Voltage Lockout
• Thermal Shutdown
• TSSOP16EP,
SOIC16
and
SOIC20
Packages
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• 2D/3D LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
5
7
3
6
13
12
11
10
9
8
15
16
1
2
14
4
VIN
Enable
5V to 28V
CIN
CVCC
CCOMPRCOMP
ROSC
RSET
RSENSE
COUT
R1
D1
L1
VIN
VCC
COMP
EN
OSC
BOSC
DBRT
ISET
LED4
LED3
LED2
LED1
OVP
GND
ISENSE
GATE
MP3394S
R2
M1
RBOSC
CBOSC
DIMMING


Similar Part No. - MP3394S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394SGS MPS-MP3394SGS Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
More results

Similar Description - MP3394S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com