Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3399EF Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3399EF
Description  12-String, Cascading White LED Driver For Extending LED Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EF Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3399EF Datasheet HTML 11Page - Monolithic Power Systems MP3399EF Datasheet HTML 12Page - Monolithic Power Systems MP3399EF Datasheet HTML 13Page - Monolithic Power Systems MP3399EF Datasheet HTML 14Page - Monolithic Power Systems MP3399EF Datasheet HTML 15Page - Monolithic Power Systems MP3399EF Datasheet HTML 16Page - Monolithic Power Systems MP3399EF Datasheet HTML 17Page - Monolithic Power Systems MP3399EF Datasheet HTML 18Page - Monolithic Power Systems MP3399EF Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP3399-12-STRING, CASCADING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3399 Rev. 1.0
www.MonolithicPower.com
16
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
NC
C2
DIMMING
EN
GND
0
R7
100k
R8
C18
340k
R14
NC
R17
0
R12
NC
R19
60.4k
R16
0
R11
NC
C10
5.6nF
C17
NC
R21
L1
100pF
C11
0.05
R24
0
R50
0
R47
0
R48
0
R44
0
R45
0
R41
0
R42
0
R39
0
R36
0
R37
0
R33
0
R34
0
R30
0
R31
0
R27
0
R28
NC
R25
NC
C12
B180
D1
10k
R53
LED24
LED21
LED23
LED20
LED22
LED18
LED15
LED17
LED14
LED16
LED11
LED8
LED10
LED7
LED9
LED5
LED2
LED4
LED1
LED3
LED+
C1
100k
R9
C3
60.4k
R18
340k
R13
0
R15
0
R49
0
R46
0
R43
0
R40
0
R38
0
R29
0
R32
0
R35
NC
R26
1k
R52
C13
LED19
LED13
LED12
LED6
VIN
20k
R5
20k
R4
8V-28V
F1
NC
C6
0
R22
10k
R54
C9
NC
R23
10
R20
100pF
C14
12S 12/24 P 20mA
2k
R2
2k
R1
C7
NC
NC
C8
AM4499P
M1
220nF
C4
C16
C15
M2 AM4490N
357k
R51
LED11
12
DBRT
6
NC
1
COMP
4
LED6
17
LED3
20
OVP
23
ISENSE
24
LED10
13
LED9
14
LED12
11
ISET
9
BOSC
10
GND
7
EN
5
OSC
8
VIN
2
VCC
3
LED8
15
LED7
16
LED5
18
LED4
19
LED2
21
LED1
22
PGND
25
NC
28
VFAULT
27
GATE
26
MP3399
U2
LED11
12
DBRT
6
NC
1
COMP
4
LED6
17
LED3
20
OVP
23
ISENSE
24
LED10
13
LED9
14
LED12
11
ISET
9
BOSC
10
GND
7
EN
5
OSC
8
VIN
2
VCC
3
LED8
15
LED7
16
LED5
18
LED4
19
LED2
21
LED1
22
PGND
25
NC
28
VFAULT
27
GATE
26
MP3399
U1
COMP
COMP
OVP1
OVP1
VCC
VCC
VCC
VFAULT
VFAULT
VIN
VIN
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
Figure 7—Drive 12 LEDs in Series, 24 Strings 20mA/string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com