Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB34-RU0DD Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB34-RU0DD
Description  Precision Optical Performance Blue and Green
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB34-RU0DD Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB34-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB34-RU0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image

0.1
1
10
-40
-20
0
20
40
60
80
100
120
T J - JUNCTION TEMPERATURE- °C
Green
Blue
Relative Light Output vs. Junction Temperature
Green Color Bin Table
Bin
Min Dom Max Dom Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743
0.8338 0.1856 0.6556
0.1650
0.6586 0.1060 0.8292
2
524.0
528.0
0.1060
0.8292 0.2068 0.6463
0.1856
0.6556 0.1387 0.8148
3
528.0
532.0
0.1387
0.8148 0.2273 0.6344
0.2068
0.6463 0.1702 0.7965
4
532.0
536.0
0.1702
0.7965 0.2469 0.6213
0.2273
0.6344 0.2003 0.7764
5
536.0
540.0
0.2003
0.7764 0.2659 0.6070
0.2469
0.6213 0.2296 0.7543
Tolerance for each bin limit is ± 0.5nm
Blue Color Bin Table
Bin
Min Dom Max Dom Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440 0.0297 0.1766 0.0966
0.1818 0.0904 0.1374 0.0374
2
464.0
468.0
0.1374 0.0374 0.1699 0.1062
0.1766 0.0966 0.1291 0.0495
3
468.0
472.0
0.1291 0.0495 0.1616 0.1209
0.1699 0.1062 0.1187 0.0671
4
472.0
476.0
0.1187 0.0671 0.1517 0.1423
0.1616 0.1209 0.1063 0.0945
5
476.0
480.0
0.1063 0.0945 0.1397 0.1728
0.1517 0.1423 0.0913 0.1327
Tolerance for each bin limit is ± 0.5nm
Intensity Bin Limit Table
Bin
Intensity �mcd� at 20 mA
Min
Max
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
2
21000
27000
3
27000
35000
Tolerance for each bin limit is +/- 15%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com