Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB35-RU0DD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB35-RU0DD
Description  Precision Optical Performance Blue and Green
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB35-RU0DD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB35-RU0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB35-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

Device Selection Guide
Part Number
Color
Typical Viewing Angle,
2���� �Degree�
���� �Degree�
��� �Degree�
Intensity �mcd� at 20 mA
Leads with
Stand-Offs
Min.
Max.
HLMP-CB13-UX0xx
Blue
15º
3200
9300
No
HLMP-CB14-UX0xx
Blue
15º
3200
9300
Yes
HLMP-CB22-SV0xx
Blue
23º
1900
5500
No
HLMP-CB25-SV0xx
Blue
23º
1900
5500
Yes
HLMP-CB34-RU0xx
Blue
30º
1500
4200
No
HLMP-CB35-RU0xx
Blue
30º
1500
4200
Yes
HLMP-CM13-Z30xx
Green
15º
12000
35000
No
HLMP-CM14-Z30xx
Green
15º
12000
35000
Yes
HLMP-CM22-X10xx
Green
23º
7200
21000
No
HLMP-CM25-X10xx
Green
23º
7200
21000
Yes
HLMP-CM34-X10xx
Green
30º
7200
21000
No
HLMP-CM35-X10xx
Green
30º
7200
21000
Yes
Notes:
1. Tolerance for luminous intensity measurement is ±15%
2. The optical axis is closely aligned with the package mechanical axis.
3. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
4. 2θ1/2 is the off-axis angle where the luminous intensity is ½ the on axis intensity.
Part Numbering System
Note: Please refer to AB 5337 for complete information on part numbering system.
Packaging Option
DD: Ammopacks
Color Bin Selection
0 : Full Distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle
13: 15º without standoff
14: 15º with standoff
22: 23º without standoff
25: 23º with standoff
34: 30º without standoff
35: 30º with standoff
Color
B: Blue 470nm
M: Green 525nm
Package
C: 5mm round Lamps
HLMP - x x xx - x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com