Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3430 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3430
Description  90V Step-Up Converter with APD Current Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3430 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3430 Datasheet HTML 7Page - Monolithic Power Systems MP3430 Datasheet HTML 8Page - Monolithic Power Systems MP3430 Datasheet HTML 9Page - Monolithic Power Systems MP3430 Datasheet HTML 10Page - Monolithic Power Systems MP3430 Datasheet HTML 11Page - Monolithic Power Systems MP3430 Datasheet HTML 12Page - Monolithic Power Systems MP3430 Datasheet HTML 13Page - Monolithic Power Systems MP3430 Datasheet HTML 14Page - Monolithic Power Systems MP3430 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP3430 — 90V STEP-UP CONVERTER WITH APD CURRENT MONITOR
MP3430 Rev 1.11
www.MonolithicPower.com
13
4/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Recommended Values (VIN: 2.7V to 5.5V)
VOUT
(V)
IOUT,MAX
(mA)
L
(µH)
RFB,TOP
(MΩ)
(VOUT to FB)
RFB,BOTTOM
(kΩ)
(FB to GND)
Diode
(Schottky
Small Signal)
COUT
(µF
100V)
CIN
(µF)
30
2.5
3.3
27.4
40
2.5
2.7
20.5
50
2.5
2.0
16.2
60
2.0
1.5
13.3
70
0.9
1.5
11.5
80
0.5
1.2
10.0
90
0.5
1.0
1.0
8.87
BAT46W
0.1
10
Design Example:
Desired Parameters:
VIN = 2.7V to 5.5V
IAPD,MAX = 2.5mA
VIN,TYP = 3.3V
VMON1,MAX = 0.5V
VOUT = 50V
VMON2,MAX = 0.5V
VFB = 0.8V
RTOP = 1MΩ
fS = 1.3MHz;
tS = 769ns
Calculations:
VOUT
k
.
.
.
M
V
V
V
R
R
FB
OUT
FB
TOP
BOTTOM
2
16
8
0
50
8
0
1
R_RLIM = 68 / IAPD,MAX = 68/2.5-= 27.2kΩ
Inductor
Choose L = 2.0µH
First Consideration (most important)
MAX,REVERSE
OUT
I
V
40pF /L 50
40pF / 2 H 224mA

 
MAX,REVERSE
Re verseCurrent
IN,MIN
1.6 L I
1.6 2 H 224mA
t
194ns
V1
2.7 1

 


SOUT
OUT
2L f
I
22 1.3 2.5
K
0.00026
V
1000
50 1000
 



2
2
OUT
1
IN,MIN
2V
K
0.00026
2 50
D2.2
1
1
2.2
1
1
4V
4
2.7
0.639
















IN
21
OUT
IN,MIN
V
2.7
D
D
0.639
0.0365
V
V
50 2.7


31
2
D
1 D
D
1 0.639 0.0365 0.325

 
3
S
Re verseCurrent
D
t
250ns t
194ns

So 2.0µH is good.
Second Consideration
2
IN,MIN
IN,MIN
2
CRIT
OUT
OUT
2
CRIT,MIN
OUT
SOUT
VV
KD D'
1
VV
2.7
2.7
1
0.00276
50
50
K
V
1000
0.00276 50 1000
L21 H
2f
I
2 1.3 2.5
 

 
 
 

 
 


 

KCRIT>K : 0.00276>0.00026.
Third Consideration:
IN,MIN
1
L,PEAK
S
VD
2.7 0.639
I664mA 900mA
L f
2.0 1.3


Make sure the inductor has at least 20% more
capability than the saturation current
DIODE
D2 = diode conduction fraction of period = 0.0365
2
DIODE,RMS
RMS
PK
D
0.0365
I
I
I
664
73mA
33

Make sure diode average current rating is above
this value
Output Capacitor
Choose COUT = 0.1µF
APD
2
OUT,RIPPLE
SOUT
I(1 D )
V0.001
fC
2.5 (1 0.0365)
0.001 19mV
1.3 0.1




= 0.04% of VOUT ,<0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com