Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA113-310 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA113-310
Description  GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA113-310 Datasheet(HTML) 2 Page - Alpha Industries

  AA113-310 Datasheet HTML 1Page - Alpha Industries AA113-310 Datasheet HTML 2Page - Alpha Industries AA113-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC–1 GHz
AA113-310
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 4/01A
Typical Performance Data (VCC = +5 V)
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Insertion Loss vs. Frequency
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
0
Frequency (GHz)
Input VSWR vs. Frequency
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ref. Coeff
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency
-0.5
0
0.5
1.0
1.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Output VSWR vs. Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Dimensions in inches (mm).
0.122
(3.10 mm)
SQ.
0.020 (0.50 mm)
0.020
(0.50 mm)
0.020 (0.50 mm)
0.020
(0.50 mm)
0.013 (0.33 mm)
Surface Mount Land Pattern
5 x 5 mm MLF 32 Lead
Characteristic
Value
RF Input Power
2 W > 500 MHz, 0/6 V
0.5 W > 50 MHz, 0/6 V
Supply Voltage
6 V
Control Voltage1
-0.2 V, +6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
85°C/W
Absolute Maximum Ratings
Note: Exceeding these ratings may cause irreversible damage.
1. Control voltage must not exceed supply voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com