Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4000DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4000DS
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4000DS Datasheet HTML 1Page - Monolithic Power Systems MP4000DS Datasheet HTML 2Page - Monolithic Power Systems MP4000DS Datasheet HTML 3Page - Monolithic Power Systems MP4000DS Datasheet HTML 4Page - Monolithic Power Systems MP4000DS Datasheet HTML 5Page - Monolithic Power Systems MP4000DS Datasheet HTML 6Page - Monolithic Power Systems MP4000DS Datasheet HTML 7Page - Monolithic Power Systems MP4000DS Datasheet HTML 8Page - Monolithic Power Systems MP4000DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
2
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP4000DS
SOIC8
MP4000
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP4000DS–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP4000DS–LF–Z)
PACKAGE REFERENCE
DRIVE
CS
BOS
GND
TST
VCC
NC
DIM
SOIC8
ABSOLUTE MAXIMUM RATINGS (1)
VCC, DRIVE ...................................-0.3V to 11V
DIM, BOS, CS................................-0.3V to 6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8 ........................................................ 1.3W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -55
°C to +150°C
Recommended Operating Conditions
(3)
VCC, DRIVE ....................................8V to 10.5V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................96 ...... 45 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-
to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com