Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4030
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4030 Datasheet HTML 8Page - Monolithic Power Systems MP4030 Datasheet HTML 9Page - Monolithic Power Systems MP4030 Datasheet HTML 10Page - Monolithic Power Systems MP4030 Datasheet HTML 11Page - Monolithic Power Systems MP4030 Datasheet HTML 12Page - Monolithic Power Systems MP4030 Datasheet HTML 13Page - Monolithic Power Systems MP4030 Datasheet HTML 14Page - Monolithic Power Systems MP4030 Datasheet HTML 15Page - Monolithic Power Systems MP4030 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
12
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP4030 is a TRIAC-dimmable, primary-side-
control, offline LED controller designed for high-
performance LED lighting. The MP4030 can
accurately control the LED current using the real-
current-control method based on primary-side
information. It can also achieve a high power
factor to eliminate noise pollution on the AC line.
The integrated VCC charging circuit can achieve
fast start-up without any perceptible delay. The
MP4030 is suitable for TRIAC-based dimming
with an extended dimming range.
Boundary-Conduction Mode
During the external MOSFET ON time (tON), the
rectified input voltage applied across the primary-
side inductor (Lm) increases the primary current
increases linearly from zero to the peak value
(IPK). When the external MOSFET turns off, the
energy stored in the inductor forces the
secondary side diode to turn on, and the inductor
current decreases linearly from the peak value to
zero. When the current decreases to zero, the
parasitic resonance caused by the inductor and
the combined parasitic capacitances decreases
the MOSFET drain-source voltage that is also
reflected on the auxiliary winding (see Figure 2).
The zero-current detector generates the external
MOSFET turn-on signal when the ZCD voltage
falls below 0.35V after a blanking time and
ensures the MOSFET turns on at a relatively low
voltage (see Figure 3).
VDS
VAC Line +N V OUT
VAC Line
I
P
t OFF
t ON
Turn ON
VZCD
0
Inductor
current
I
S /N
Figure 2: Boundary-Conduction Mode
+
Vcc
ZCD
Auxiliary Winding
RZCD1
0.35V
RZCD2
CZCD
Figure 3: Zero-Current Detector
As a result, there are virtually no primary switch
turn-on losses and no secondary-diode reverse-
recovery losses. This ensures high efficiency and
low EMI noise.
Real-Current-Control
The
proprietary
real-current-control
method
allows the MP4030 to control the secondary-side
LED current based on primary-side information.
The output LED mean current can be calculated
approximately as:
FB
O
S
NV
I
2R
Where:
 N is the turn ratio of the primary side to the
secondary side,
 VFB is the feedback reference voltage
(typically 0.4), and
 RS is the sense resistor between the
MOSFET source and GND.
Power-Factor Correction
The MULT pin connects to the tap of a resistor
divider from the rectified instantaneous line
voltage. The multiplier output also has a
sinusoidal shape. This signal provides the
reference for the current comparator against the
primary-side–inductor current, which shapes the
primary-peak current into a sinusoid with the
same phase as the input line voltage. This
achieves a high power factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com