Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RX
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RX_13 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX_13 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX_13 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX_13 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MF-RX Series - PTC Resettable Fuses
Product Dimensions
MF-RX SERIES, REV. N, 06/13
Additional Features
■ Bulk packaging, tape and reel and Ammo-
Pak available on most models
■ Resettable circuit protection
Applications
Almost anywhere there is a low voltage power
supply, up to 60 V and a load to be protected,
including:
■ Security and fire alarm systems
■ Loud speakers
■ Power transformers
Model
A
B
C
D
E
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
MF-RX110
13.0
18.0
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.512)
(0.709)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX135
14.5
19.6
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.571)
(0.772)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX160
16.3
21.3
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.642)
(0.839)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX185
17.8
22.9
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.701)
(0.902)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX250
21.3
26.4
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.839)
(1.039)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX300
24.9
30.0
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.980)
(1.181)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX375
28.4
33.5
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(1.118)
(1.319)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
Packaging options:
BULK: All models = 500 pcs. per bag.
TAPE & REEL: MF-RX110 – MF-RX160 = 1500 pcs. per reel; MF-RX185 – MF-RX375 = 1000 pcs. per reel
AMMO-PACK: MF-RX110 – MF-RX160 = 1000 pcs. per reel; MF-RX185 – MF-RX375 = 500 pcs. per reel
0.81 (20AWG)
A
E
B
D
C
NOTE: Kinked lead option is available for
board standoff. Contact factory for details.
Typical Part Marking
Represents total content. Layout may vary.
RX110
0180T
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
LOT NO.
(T = TAIWAN
S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
How to Order
MF - RX 110 - 0 - 99
Multifuse®
Product Designator
Series
RX = Radial Leaded Component
Hold Current, Ihold
110-375 (1.10 Amps - 3.75 Amps)
Packaging Options
- __ =
Bulk Packaging without part
number suffix option
- 0-99 =
Bulk Packaging with part
number suffix option
- 2 =
Tape and Reel without part
number suffix option*
- 2-99 =
Tape and Reel with part number
suffix option
- AP =
Ammo-Pak*
- 0-14 =
Kinked leads where straight
leads are standard
- 0-17 =
Straight leads where kinked
leads are standard
Part Number Suffix Option
- 99 =
As of date code April 1, 2005 all
MF-RX models are RoHS
compliant. The suffix “-99”
can be used if a new part
number is required to reference
the RoHS compliance.
Examples:
MF-RX110 ...............Bulk packaging
MF-RX110-0-99.......Bulk packaging
with part number
suffix option
MF-RX110-2 ............Tape and reel
packaging
MF-RX110-2-99.......Tape and reel
packaging with
part number
suffix option
*Packaged per EIA486-B
Typical Time to Trip at 23 ˚C
0.01
0.001
1
10
100
0.1
1
10
100
1000
Fault Current (Amps)
MF-RX Series - PTC Resettable Fuses
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com