Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX018250 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RX018250
Description  Telecom PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX018250 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RX018250 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX018250 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX018250 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX018250 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX018250 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
■ Radial leaded devices
■ Fast tripping resettable PTCs
■ Binned and sorted narrow resistance
ranges available
■ RoHS compliant*
■ Agency recognition:
Applications
■ Customer Premise Equipment (CPE)
■ Central Office / Telecom Centers (CO)
■ Access equipment
MF-RX/250 Series - Telecom PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RX012
24001K
Environmental Characteristics
Operating/Storage Temperature........................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................ 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours.............................................. ±15 % typical resistance change
.......................................................................... +60°C, 1000 hours................................................ ±15 % typical resistance change
Humidity Aging ..................................................... +85 °C, 85 % R.H. 500 hours ............................... ±15 % typical resistance change
Thermal Shock ..................................................... MIL-STD-202F, Method 107G, ............................. ±10 % typical resistance change
.......................................................................... +125 °C to -55 °C,10 times .................................. ±15 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215B ................................ No change
Lead Solerability................................................... ANSI/J-STD-002 ................................................... >95 % coverage
Flammability ......................................................... IEC 695-2-2 .......................................................... No Flame for 60 secs.
Vibration ............................................................... MIL-STD-883C, Method 2007.1, Condition A ...... ±5 % typical resistance change
Test Procedures And Requirements For Model MF-RX/250 Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. .................................................... Verify dimensions and materials ...................... Per MF physical description
Resistance....................................................... In still air @ 23 °C............................................. Rmin
≤ R ≤ Rmax
Time to Trip...................................................... 5 times Ihold, Vmax, 23 °C .............................. T
≤ max. time to trip (seconds)
Hold Current .................................................... 30 min. at Ihold ................................................ No trip
Trip Cycle Life.................................................. Vmax, Imax, 100 cycles................................... No arcing or burning
Trip Endurance ................................................ Vmax, 48 hours................................................ No arcing or burning
UL File Number ............................................... E 174545S
CSA File Number............................................. CA 110338
TÜV File Number ............................................. R2057213
Electrical Characteristics
Model
Max.
Operating
Voltage
(Vdc)
Max. Interrupt
Ratings
Hold Current
Initial Resistance
One Hour
Post-Trip
Resistance
Volts
(Vrms)
Amps
(A)
Amps
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Max.
Max.
IH
Min.
Max.
Max.
MF-RX012/250
60
250
3.0
0.12
4.0
8.0
16.0
MF-RX012/250-A
60
250
3.0
0.12
7.0
9.0
16.0
MF-RX012/250-C
60
250
3.0
0.12
5.5
7.5
14.0
MF-RX012/250-F
60
250
3.0
0.12
6.0
10.5
16.0
MF-RX012/250-1
60
250
3.0
0.12
6.0
9.0
16.0
MF-RX012/250-2
60
250
3.0
0.12
8.0
10.5
16.0
MF-RX012/250-T
60
250
3.0
0.12
7.0
12.0
16.0
MF-RX012/250U
60
250
3.0
0.12
6.0
10.0
16.0
MF-RX014/250
60
250
3.0
0.145
3.0
6.0
14.0
MF-RX014/250-A
60
250
3.0
0.145
3.0
5.5
12.0
MF-RX014/250-B
60
250
3.0
0.145
4.5
6.0
14.0
MF-RX014/250-T
60
250
3.0
0.145
5.4
7.5
14.0
MF-RX014/250U
60
250
3.0
0.145
3.5
6.5
12.0
MF-RX018/250
60
250
10.0
0.18
0.8
2.0
4.0
MF-RX018/250U
60
250
10.0
0.18
0.8
2.0
4.0
“U” suffix indicates product without insulation coating.


Similar Part No. - MF-RX018250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-RX018 BOURNS-MF-RX018 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-RX018/250 BOURNS-MF-RX018/250 Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
MF-RX018/250 BOURNS-MF-RX018/250 Datasheet
728Kb / 6P
Telecom PTC Resettable Fuses
MF-RX018/250-0 BOURNS-MF-RX018/250-0 Datasheet
843Kb / 1P
ISDN
MF-RX018/250U BOURNS-MF-RX018/250U Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
More results

Similar Description - MF-RX018250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013-250 BOURNS-MF-SD013-250 Datasheet
278Kb / 3P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012-250 BOURNS-MF-RX012-250 Datasheet
728Kb / 6P
Telecom PTC Resettable Fuses
MF-SM013-250-2 BOURNS-MF-SM013-250-2 Datasheet
301Kb / 4P
Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com