Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDC12-18-R70 Datasheet(PDF) 1 Page - TDK Electronics

Part # LDC12-18-R70
Description  INNOVATING RELIABLE POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LDC12-18-R70 Datasheet(HTML) 1 Page - TDK Electronics

  LDC12-18-R70 Datasheet HTML 1Page - TDK Electronics LDC12-18-R70 Datasheet HTML 2Page - TDK Electronics LDC12-18-R70 Datasheet HTML 3Page - TDK Electronics LDC12-18-R70 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LD12 Series
1
LD12 Series
12W IP66
Power Supplies
Key Market Segments & Applications
LED Lighting
Damp Environments
• Small Size
• Constant Current or Constant Voltage Versions
• Splash proof
• Conservative component ratings for long life
LD12 Features and Benefits
Features
Benefits
IP66 Rated
Can be used in wet applications
Vacuum Encapsulated
Robust
Wide range AC Input
Supports global use
Specifications
MODEL
LDC12
LDV12
ITEMS
AC Input
VAC/Hz
90 - 264VAC, 47 - 63Hz
Inrush Current (100/200VAC)
A
25 / 50A, 25°C ambient, cold start
Input Current (110/200VAC)
A
0.28 / 0.18A
Temperature Coefficient
-
<0.02%/°C (0 - 50°C)
Overcurrent Protection
-
Automatic Recovery
> 105% of rated power
Overvoltage Protection
%
> 110%
Turn on time
ms
< 200ms
Leakage Current (265VAC 60Hz)
mA
0.25mA
Efficiency
%
82% typical at full load
Operating Temperature
-
-10 to +60°C (Guaranteed start up at -20°C)
Storage Temperature
-
-30 to +85°C
Operating Humidity
(1)
-
15 - 90% RH
Storage Humidity
(1)
-
15 - 90% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Output 3kVAC
Isolation Resistance
-
>100M at 25°C & 70%RH, Input to Output at 500VDC
Vibration (non operating)
-
10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 30 mins
Shock
-
< 196.1 m/s2 (20G)
Immunity
-
IEC61000-4-2, -3, -4, -5, -6, -8, -11
Safety Agency Approvals
-
UL1310 (Class 2), IEC61347-1, IEC61347-2-13, CE Mark
Conducted & Radiated EMI
-
EN55015, EN55022, FCC Class B
IP Class
-
IP66
Weight (Typ)
g
84
Size (LxWxH)
mm
90 x 34.5 x 21
Warranty
yrs
3 Years
(1)
Non condensing


Similar Part No. - LDC12-18-R70

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LDC12-18-R70 TDK-LDC12-18-R70 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDC12-18-R70 TDK-LDC12-18-R70 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
More results

Similar Description - LDC12-18-R70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
Ultra Reliable Power Transistors
LP395 NSC-LP395 Datasheet
130Kb / 5P
Ultra Reliable Power Transistor
LM295 NSC-LM295 Datasheet
230Kb / 11P
Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
LM195QML Ultra Reliable Power Transistors
logo
TDK Electronics
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
Ultra Reliable Power Transistors
logo
Mean Well Enterprises C...
RPS-120 MEANWELL-RPS-120 Datasheet
760Kb / 6P
120W Reliable Green Medical Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com