Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAM1206-R01FT5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LRMAM1206-R01FT5
Description  Low Resistance Metal Alloy Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRMAM1206-R01FT5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LRMAM1206-R01FT5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRMAM1206-R01FT5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRMAM1206-R01FT5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Resistance
Metal Alloy Resistor
LRMA Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
Low Resistance Metal Alloy Resistor
LRMA Series
Temperature Derating
0%
20%
40%
60%
80%
100%
-30
20
70
120
170
Ambient Temperature (°C)
Typical Temperature Rise
0
20
40
60
80
100
120
0%
20%
40%
60%
80%
100%
Proportion of Pr
Joint
Hot spot
Construction
Marking
The components are marked with ohmic value, e.g. “R002” = 2mΩ, “R010” = 10 mΩ.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Performance Data
Maximum (%)
Typical (%)
Load at rated power (cyclic load, 1000 hours at 70C)
±R
1
0.3
Short term overload (5 x rated power for 5s)
±R
0.5
0.15
Humidity (1000 hours, 85°C, 85%RH)
±R
0.5
0.15
Temperature cycle (-40 to +125°C, 1000 cycles, 15 minute dwell)
±R
0.5
0.15
Resistance to solder heat (260°C ±5°C for 20s ±1s)
±R
0.5
0.3
Solderability (245°C ±5°C for 2s ±0.5s)
>95% coverage
Dry heat (1000 hours at 170C)
±R
0.5
0.3
Low temperature storage (1000 hours at -55°C)
±R
0.5
0.15
Substrate bending (board 1.6mm, fulcrum spacing 90mm, deflection 2mm)
±R
0.5
0.3
Insulation resistance (1 minute @ 100Vdc)
>100M
Thermal Performance & Mounting
Reference Pad Dimensions (mm)
Size
a
b
L
1206
1.8
1.9
1.4
0815
7.9
1.5
0.9
2512 ≤R002
4.0
3.1
1.3
2512 >R002
4.0
2.1
4.1
General Note
08/10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181  Facsimile: +44 (0) 1670 829465  Email: info@welwyn-tt.com  Website: www.welwyn-tt.com
Copper electrode with
nickel then tin plating
Coating (UL94-V0)
Low TCR
resistance alloy plate
The temperature rise shown is highly
dependent on mounting conditions.
Reference conditions assume 20
copper with thermal vias to multiple
layers.
The self-heating in the current tracks
should be kept negligible, or allowed
for by temperature derating.
Sense
Current
L
b
a



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com