Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAM2512-R01JT5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LRMAM2512-R01JT5
Description  Low Resistance Metal Alloy Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRMAM2512-R01JT5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LRMAM2512-R01JT5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRMAM2512-R01JT5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRMAM2512-R01JT5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Resistance
Metal Alloy Resistor
LRMA Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
Low Resistance Metal Alloy Resistor
LRMA Series
Paper Tape
Bottom Tape
Packaging
Size Tape
A
B
W
F
E
P1
P2
P0
ΦD0
t
ΦA
ΦB ΦC
Wr
Tr
1206 Paper 2.0
±0.15
3.6
±0.2
8.0
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.1
1.5
+0.1/-0
0.84
±0.1
178 ±0.2 60 ±1 13 ±1 9 ±1 11.5
±1
0815 Emboss 2.6
±0.2
4.5
±0.2
12
±0.2
5.5
±0.1
1.75
±0.1
4.0
+-0.1
2.0
±0.2
4.0
±0.1
1.55
±0.05
1.1
±0.1
178 ±0.2 60 ±1 13 ±1 13 ±1 15.4
±2
2512 Emboss 3.6
±0.2
6.9
±0.2
12
±0.2
5.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.05
1.5
+0.1/-0
0.85
±0.15
178 ±0.2 60 ±1 13 ±1 13 ±1 15.4
±2
Storage
Conditions: 5°C to 35°C and 40% to 75%RH
Shelf life: 2 years from manufacture
Processing
LRMA series resistors are suitable for both wave and IR reflow soldering. The recommended reflow profile for Pb-
free SAC305 alloy (Sn 96.5%, Ag 3%, Cu 0.5%) soldering is as follows:
Pre-heat: 60s to 120s at 150°C to 180°C
Soldering: 20s to 40s at ≥230°C
Peak: 5s at 250°C to 255°C
Ordering Procedure
Example: LRMA low thermal EMF version in 2512 size and at 10 milliohms and 1% tolerance packed in tape.
L R M A M 2 5 1 2 – R 0 1 F T 4
Type
Version
T
P
M
N
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
T5
1206
5000/reel
T4
Tape
0815, 2512
4000/reel
Standard
General Note
08/10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
ΦC ΦB ΦA
Tr
Wr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com