Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOTF11C60 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF11C60
Description  Plastic Encapsulated Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF11C60 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF11C60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF11C60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF11C60 Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
This AOS product reliability report summarizes the qualification result for AOTF11C60.
Accelerated environmental tests are performed on a specific sample size, and then followed by
electrical test at end point. Review of final electrical test result confirms that AOTF11C60 passes
AOS quality and reliability requirements.
Table of Contents:
I.
Product Description
II.
Package and Die information
III.
Environmental Stress Test Summary and Result
IV.
Reliability Evaluation
V.
Appendix: Test data
I. Product Description:
The AOTF11C60 is fabricated using an advanced high voltage MOSFET process that is designed
to deliver high levels of performance and robustness in popular AC-DC applications. By providing
low RDS(on), Ciss and Crss along with guaranteed avalanche capability this parts can be
adopted quickly into new and existing offline power supply designs.
For Halogen Free add "L" suffix to part number:
AOTF11C60L
Details refer to the datasheet.
II. Die / Package Information:
AOTF11C60
Process
Standard sub-micron
600V N-Channel MOSFET
Package Type
TO220F
Lead Frame
Bare Cu
Die Attach
Soft solder
Bonding
Al wire
Mold Material
Epoxy resin with silica filler
Moisture Level
Up to Level 1 *
Note * based on info provided by assembler and mold compound supplier



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com