Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1640B Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1640B
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B Datasheet(HTML) 2 Page - Microchip Technology

  MCP1640B Datasheet HTML 1Page - Microchip Technology MCP1640B Datasheet HTML 2Page - Microchip Technology MCP1640B Datasheet HTML 3Page - Microchip Technology MCP1640B Datasheet HTML 4Page - Microchip Technology MCP1640B Datasheet HTML 5Page - Microchip Technology MCP1640B Datasheet HTML 6Page - Microchip Technology MCP1640B Datasheet HTML 7Page - Microchip Technology MCP1640B Datasheet HTML 8Page - Microchip Technology MCP1640B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP1640/B/C/D
DS22234A-page 2
 2010 Microchip Technology Inc.
VIN
GND
VFB
SW
VIN
0.9V To 1.7V
VOUT
3.3V @ 100 mA
COUT
10
µF
CIN
4.7
µF
L1
4.7
µH
VOUT
+
-
976 K
562 K
VIN
PGND
VFB
SW
VIN
3.0V To 4.2V
VOUT
5.0V @ 300 mA
COUT
10
µF
CIN
4.7
µF
L1
4.7
µH
VOUTS
+
-
976 K
309 K
VOUTP
SGND
EN
EN
Efficiency vs. IOUT for 3.3VOUT
40.0
60.0
80.0
100.0
0.1
1.0
10.0
100.0
1000.0
Output Current (mA)
V
IN = 0.8V
V
IN = 1.2V
V
IN = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com