Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1700 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1700 Datasheet HTML 16Page - Microchip Technology MCP1700 Datasheet HTML 17Page - Microchip Technology MCP1700 Datasheet HTML 18Page - Microchip Technology MCP1700 Datasheet HTML 19Page - Microchip Technology MCP1700 Datasheet HTML 20Page - Microchip Technology MCP1700 Datasheet HTML 21Page - Microchip Technology MCP1700 Datasheet HTML 22Page - Microchip Technology MCP1700 Datasheet HTML 23Page - Microchip Technology MCP1700 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 21
MCP1700
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1700: Low Quiescent Current LDO
Tape and Reel:
T:
Tape and Reel only applies to SOT-23 and SOT-89
devices
Standard Output
Voltage: *
120 = 1.2V
180 = 1.8V
250 = 2.5V
300 = 3.0V
330 = 3.3V
500 = 5.0V
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information
Tolerance:
2
= 2%
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
MB = Plastic Small Outline Transistor (SOT-89), 3-lead
TO = Plastic Small Outline Transistor (TO-92), 3-lead
TT = Plastic Small Outline Transistor SOT-23), 3-lead
Examples:
SOT-89 Package:
a)
MCP1700T-1202E/MB: 1.2V VOUT
b)
MCP1700T-1802E/MB: 1.8V VOUT
c)
MCP1700T-2502E/MB: 2.5V VOUT
d)
MCP1700T-3002E/MB: 3.0V VOUT
e)
MCP1700T-3302E/MB: 3.3V VOUT
f)
MCP1700T-5002E/MB: 5.0V VOUT
TO-92 Package:
g)
MCP1700-1202E/TO:
1.2V VOUT
h)
MCP1700-1802E/TO:
1.8V VOUT
i)
MCP1700-2502E/TO:
2.5V VOUT
j)
MCP1700-3002E/TO:
3.0V VOUT
k)
MCP1700-3302E/TO:
3.3V VOUT
l)
MCP1700-5002E/TO:
5.0V VOUT
SOT-23 Package:
a)
MCP1700T-1202E/TT:
1.2V VOUT
b)
MCP1700T-1802E/TT:
1.8V VOUT
c)
MCP1700T-2502E/TT:
2.5V VOUT
d)
MCP1700T-3002E/TT:
3.0V VOUT
e)
MCP1700T-3302E/TT:
3.3V VOUT
f)
MCP1700T-5002E/TT:
5.0V VOUT
PART NO.
X-
XXX
Voltage
Tape &
Reel
MCP1700
X
Tolerance
X
Temp.
Range
/XX
Package
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com