Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1727 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1727 Datasheet HTML 1Page - Microchip Technology MCP1727 Datasheet HTML 2Page - Microchip Technology MCP1727 Datasheet HTML 3Page - Microchip Technology MCP1727 Datasheet HTML 4Page - Microchip Technology MCP1727 Datasheet HTML 5Page - Microchip Technology MCP1727 Datasheet HTML 6Page - Microchip Technology MCP1727 Datasheet HTML 7Page - Microchip Technology MCP1727 Datasheet HTML 8Page - Microchip Technology MCP1727 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21999B-page 1
MCP1727
Features
• 1.5A Output Current Capability
• Input Operating Voltage Range: 2.3V to 6.0V
• Adjustable Output Voltage Range: 0.8V to 5.0V
• Standard Fixed Output Voltages:
- 0.8V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
• Other Fixed Output Voltage Options Available
Upon Request
• Low Dropout Voltage: 330 mV Typical at 1.5A
• Typical Output Voltage Tolerance: 0.5%
• Stable with 1.0 µF Ceramic Output Capacitor
• Fast response to Load Transients
• Low Supply Current: 120 µA (typ)
• Low Shutdown Supply Current: 0.1 µA (typ)
• Adjustable Delay on Power Good Output
• Short Circuit Current Limiting and
Overtemperature Protection
• 3x3 DFN-8 and SOIC-8 Package Options
Applications
• High-Speed Driver Chipset Power
• Networking Backplane Cards
• Notebook Computers
• Network Interface Cards
• Palmtop Computers
• 2.5V to 1.XV Regulators
Description
The MCP1727 is a 1.5A Low Dropout (LDO) linear
regulator that provides high current and low output
voltages in a very small package. The MCP1727
comes in a fixed (or adjustable) output voltage version,
with an output voltage range of 0.8V to 5.0V. The 1.5A
output current capability, combined with the low output
voltage capability, make the MCP1727 a good choice
for new sub-1.8V output voltage LDO applications that
have high current demands.
The MCP1727 is stable using ceramic output
capacitors that inherently provide lower output noise
and reduce the size and cost of the entire regulator
solution. Only 1 µF of output capacitance is needed to
stabilize the LDO.
Using CMOS construction, the quiescent current
consumed by the MCP1727 is typically less than
120 µA over the entire input voltage range, making it
attractive for portable computing applications that
demand high output current. When shut down, the
quiescent current is reduced to less than 0.1 µA.
The scaled-down output voltage is internally monitored
and a power good (PWRGD) output is provided when
the output is within 92% of regulation (typical). An
external capacitor can be used on the CDELAY pin to
adjust the delay from 200 µs to 300 ms.
The overtemperature and short circuit current-limiting
provide additional protection for the LDO during system
fault conditions.
Package Types
VIN
VIN
SHDN
GND
PWRGD
CDELAY
Sense
VOUT
VIN
VIN
SHDN
GND
PWRGD
CDELAY
ADJ
VOUT
Adjustable (SOIC-8)
Fixed (SOIC-8)
VIN
VIN
SHDN
GND
PWRGD
CDELAY
Sense
VOUT
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
Fixed (3x3 DFN)
VIN
VIN
SHDN
GND
PWRGD
CDELAY
VOUT
Adjustable (3x3 DFN)
ADJ
1
2
3
45
6
7
8
1
2
3
45
6
7
8
1.5A, Low Voltage, Low Quiescent Current LDO Regulator


Similar Part No. - MCP1727

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-0802E/MF MICROCHIP-MCP1727-0802E/MF Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-0802E/SN MICROCHIP-MCP1727-0802E/SN Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-1202E/MF MICROCHIP-MCP1727-1202E/MF Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-1202E/SN MICROCHIP-MCP1727-1202E/SN Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1727

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1827S MICROCHIP-MCP1827S Datasheet
1Mb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com