Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP201-E Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP201-E
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201-E Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP201-E Datasheet HTML 17Page - Microchip Technology MCP201-E Datasheet HTML 18Page - Microchip Technology MCP201-E Datasheet HTML 19Page - Microchip Technology MCP201-E Datasheet HTML 20Page - Microchip Technology MCP201-E Datasheet HTML 21Page - Microchip Technology MCP201-E Datasheet HTML 22Page - Microchip Technology MCP201-E Datasheet HTML 23Page - Microchip Technology MCP201-E Datasheet HTML 24Page - Microchip Technology MCP201-E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 21
MCP201
FIGURE 3-3:
REGULATOR CHANGE (V) VS. LINE VOLTAGE CHANGE
Regulator Change (mV) -40(C) Load = 50(mA)
Regulator Change (mV) -40(C) Load = 25(mA)
Regulator Change (mV) -40(C) Load = 1(mA)
Regulator Change (mV) 25(C) Load = 25(mA)
Regulator Change (mV) 125(C) Load = 50(mA)
Regulator Change (mV) 125(C) Load = 25(mA)
Regulator Change (mV) 125(C) Load = 5(mA)
Regulator Change (mV) 125(C) Load = 1(mA)
Regulator Change (mV) 25(C) Load = 5(mA)
Regulator Change (mV) 25(C) Load = 1(mA)
Regulator Change (mV) 25(C) Load = 50(mA)
Regulator Change (mV) -40(C) Load = 5(mA)
Line Regulation
Regulator Change (V) vs Line Voltage Change (mV)
Line Voltage Change (V)
5
0
-5
-10
-15
-20
-25
-30
-35
-40
0
2
4
6
8
10
12
14
dap/jx
3/3/03
30 parts
Y1004 B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com