Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP201E Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP201E
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201E Datasheet(HTML) 1 Page - Microchip Technology

  MCP201E Datasheet HTML 1Page - Microchip Technology MCP201E Datasheet HTML 2Page - Microchip Technology MCP201E Datasheet HTML 3Page - Microchip Technology MCP201E Datasheet HTML 4Page - Microchip Technology MCP201E Datasheet HTML 5Page - Microchip Technology MCP201E Datasheet HTML 6Page - Microchip Technology MCP201E Datasheet HTML 7Page - Microchip Technology MCP201E Datasheet HTML 8Page - Microchip Technology MCP201E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2007 Microchip Technology Inc.
DS21730F-page 1
MCP201
Features
• Supports baud rates up to 20 Kbaud
• 40V load dump protected
• Wide supply voltage, 6.0 – 18.0V, continuous
- Maximum input voltage of 30V
• Extended Temperature Range: -40°C to +125°C
• Interface to standard USARTs
• Compatible with LIN Spec 1.3
• Local Interconnect Network (LIN) Line pin:
- Internal pull-up resistor and diode
- Protected against ground shorts (LIN pin to
ground)
- Protected against LIN pin loss of ground
- High current drive, 40 mA
≤ IOL ≤ 200 mA
• Automatic thermal shutdown
• On-board Voltage Regulator:
- Output voltage of 5V with ±5% tolerances
over temperature range
- Maximum output current of 50 mA
- Able to drive an external series-pass
transistor for increased current supply
capability
- Internal thermal overload protection
- Internal short-circuit current limit
- External components limited to filter capacitor
only and load capacitor
Package Types
Block Diagram
PDIP, SOIC, DFN
8
7
6
5
1
2
3
4
RXD
CS/WAKE
VREG
TXD
FAULT/SLPS
VBAT
LIN
VSS
Voltage
Regulator
Ratiometric
Reference
OC
Thermal
Protection
Internal Circuits
VREG
FAULT/SLPS
RXD
TXD
VBAT
LIN
Vss
approx.
CS/WAKE
Wake-Up
Logic
Slope
Control
POR
30 k
Ω
LIN Transceiver with Voltage Regulator


Similar Part No. - MCP201E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201E MICROCHIP-MCP201E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201EMF MICROCHIP-MCP201EMF Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201EP MICROCHIP-MCP201EP Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201ESN MICROCHIP-MCP201ESN Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
More results

Similar Description - MCP201E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2025 MICROCHIP-MCP2025_14 Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com