Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1804 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1804 Datasheet HTML 17Page - Microchip Technology MCP1804 Datasheet HTML 18Page - Microchip Technology MCP1804 Datasheet HTML 19Page - Microchip Technology MCP1804 Datasheet HTML 20Page - Microchip Technology MCP1804 Datasheet HTML 21Page - Microchip Technology MCP1804 Datasheet HTML 22Page - Microchip Technology MCP1804 Datasheet HTML 23Page - Microchip Technology MCP1804 Datasheet HTML 24Page - Microchip Technology MCP1804 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22200B-page 21
MCP1804
5.0
FUNCTIONAL DESCRIPTION
The MCP1804 CMOS linear regulator is intended for
applications that need the low current consumption
while maintaining output voltage regulation. The
operating continuous load range of the MCP1804 is
from 0 mA to 150 mA. The input operating voltage
range is from 2.0V to 28.0V, making it capable of
operating from a single 12V battery or single and
multiple Li-Ion cell batteries.
5.1
Input
The input of the MCP1804 is connected to the source
of the P-Channel PMOS pass transistor. As with all
LDO circuits, a relatively low source impedance
(< 10
Ω) is needed to prevent the input impedance from
causing the LDO to become unstable. The size and
type of the capacitor needed depends heavily on the
input source type (battery, power supply) and the
output current range of the application. For most
applications a 0.1 µF ceramic capacitor will be
sufficient to ensure circuit stability. Larger values can
be used to improve circuit AC performance.
5.2
Output
The maximum rated continuous output current for the
MCP1804 is 150 mA.
A minimum output capacitance of 0.1 µF to 1.0 µF is
required for small signal stability in applications that
have up to 150 mA output current capability. The
capacitor type can be ceramic, tantalum or aluminum
electrolytic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com