Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1824 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1824
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1824 Datasheet HTML 17Page - Microchip Technology MCP1824 Datasheet HTML 18Page - Microchip Technology MCP1824 Datasheet HTML 19Page - Microchip Technology MCP1824 Datasheet HTML 20Page - Microchip Technology MCP1824 Datasheet HTML 21Page - Microchip Technology MCP1824 Datasheet HTML 22Page - Microchip Technology MCP1824 Datasheet HTML 23Page - Microchip Technology MCP1824 Datasheet HTML 24Page - Microchip Technology MCP1824 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 21
MCP1824/MCP1824S
5.0
APPLICATION CIRCUITS/
ISSUES
5.1
Typical Application
The MCP1824/MCP1824S is used for applications that
require high LDO output current and a power good
output.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1824/
MCP1824S is a function of input voltage, output
voltage,
output
current
and
quiescent
current.
Equation 5-1 can be used to calculate the internal
power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1824/
MCP1824S as a result of quiescent or ground current.
The power dissipation as a result of the ground current
can be calculated using the following equation:
EQUATION 5-2:
The total power dissipated within the MCP1824/
MCP1824S is the sum of the power dissipated in the
LDO pass device and the P(IGND) term. Because of the
CMOS construction, the typical IGND for the MCP1824/
MCP1824S is 120 µA. Operating at a maximum VIN of
3.465V results in a power dissipation of 0.12 milli-Watts
for a 2.5V output. For most applications, this is small
compared to the LDO pass device power dissipation
and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1824/MCP1824S is
+125°C. To estimate the internal junction temperature
of the MCP1824/MCP1824S, the total internal power
dissipation is multiplied by the thermal resistance from
junction to ambient (R
θJA) of the device. The thermal
resistance from junction to ambient for the SOT-223-5
package is estimated at 62° C/W.
EQUATION 5-3:
Package Type
=
SOT-223-5
Input Voltage Range
=
3.3V ± 5%
VIN maximum
=
3.465V
VIN minimum
=
3.135V
VDROPOUT (max)
=
0.350V
VOUT (typical)
=
2.5V
IOUT
=
300 mA maximum
PDISS (typical)
=
0.240W
Temperature Rise
=
14.88°C
10 µF
VOUT = 2.5V @ 300 mA
R1
C2
10 k
Ω
PWRGD
SHDN
GND
2
4.7 µF
On
Off
C1
MCP1824-2.5
1
3 4 5
3.3V
VIN
P
LDO
V
IN MAX
)
() VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
Where:
PLDO = LDO Pass device internal
power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
P
IGND
()
V
IN MAX
()
I
VIN
×
=
Where:
PI(GND = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IVIN = Current flowing in the VIN pin
with no LDO output current
(LDO quiescent current)
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
θJA = Thermal resistance from junction to
ambient
TAMAX = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com