Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120-I Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2120-I
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120-I Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2120-I Datasheet HTML 17Page - Microchip Technology MCP2120-I Datasheet HTML 18Page - Microchip Technology MCP2120-I Datasheet HTML 19Page - Microchip Technology MCP2120-I Datasheet HTML 20Page - Microchip Technology MCP2120-I Datasheet HTML 21Page - Microchip Technology MCP2120-I Datasheet HTML 22Page - Microchip Technology MCP2120-I Datasheet HTML 23Page - Microchip Technology MCP2120-I Datasheet HTML 24Page - Microchip Technology MCP2120-I Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 21
MCP2120
FIGURE 4-7:
USART ASynchronous Receive Timing
TABLE 4-7:
USART ASYNCHRONOUS RECEIVE REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR110
TRXBIT Receive Baud Rate
Hardware Selection
768
—
768
TOSC
BAUD2:BAUD0 = 000
384
—
384
TOSC
BAUD2:BAUD0 = 001
192
—
192
TOSC
BAUD2:BAUD0 = 010
128
—
128
TOSC
BAUD2:BAUD0 = 011
64
—
64
TOSC
BAUD2:BAUD0 = 100
Software Selection
BAUD2:BAUD0 = 111
768
—
768
TOSC
Hex Command = 0x87
384
—
384
TOSC
Hex Command = 0x8B
192
—
192
TOSC
Hex Command = 0x85
128
—
128
TOSC
Hex Command = 0x83
64
—
64
TOSC
Hex Command = 0x81
IR111 ERXBIT
Receive (RXIR pin) Baud rate
Error (into MCP2120)
——
1
%
IR112 ERXBIT
Receive (RX pin) Baud rate
Error (out of MCP2120)(1)
——
1
%
IR113 TTXRF
RX pin rise time and fall time
—
—
25
ns
Note 1: This error is not additive to IR111 parameter.
Note:
Refer to Figure 4-2 for load conditions.
IR112
RX pin
IR112
IR110
IR110
IR110
Start Bit
Data Bit
Data Bit
Data Bit
IR110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com