Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2120 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology MCP2120 Datasheet HTML 24Page - Microchip Technology MCP2120 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 21
MCP2120
FIGURE 4-7:
USART ASynchronous Receive Timing
TABLE 4-7:
USART ASYNCHRONOUS RECEIVE REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
IR110
TRXBIT Receive Baud Rate
Hardware Selection
768
768
TOSC
BAUD2:BAUD0 = 000
384
384
TOSC
BAUD2:BAUD0 = 001
192
192
TOSC
BAUD2:BAUD0 = 010
128
128
TOSC
BAUD2:BAUD0 = 011
64
64
TOSC
BAUD2:BAUD0 = 100
Software Selection
BAUD2:BAUD0 = 111
768
768
TOSC
Hex Command = 0x87
384
384
TOSC
Hex Command = 0x8B
192
192
TOSC
Hex Command = 0x85
128
128
TOSC
Hex Command = 0x83
64
64
TOSC
Hex Command = 0x81
IR111 ERXBIT
Receive (RXIR pin) Baud rate
Error (into MCP2120)
——
1
%
IR112 ERXBIT
Receive (RX pin) Baud rate
Error (out of MCP2120)(1)
——
1
%
IR113 TTXRF
RX pin rise time and fall time
25
ns
Note 1: This error is not additive to IR111 parameter.
Note:
Refer to Figure 4-2 for load conditions.
IR112
RX pin
IR112
IR110
IR110
IR110
Start Bit
Data Bit
Data Bit
Data Bit
IR110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com