Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940M Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP7940M
Description  Low-Cost I2C??Real-Time Clock/Calendar with SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940M Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP7940M Datasheet HTML 30Page - Microchip Technology MCP7940M Datasheet HTML 31Page - Microchip Technology MCP7940M Datasheet HTML 32Page - Microchip Technology MCP7940M Datasheet HTML 33Page - Microchip Technology MCP7940M Datasheet HTML 34Page - Microchip Technology MCP7940M Datasheet HTML 35Page - Microchip Technology MCP7940M Datasheet HTML 36Page - Microchip Technology MCP7940M Datasheet HTML 37Page - Microchip Technology MCP7940M Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22292A-page 35
MCP7940M
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP7940M =
1.8V - 5.5V I2C™ Serial RTCC
MCP7940MT= 1.8V - 5.5V I2C Serial RTCC
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
Package:
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
= 8-Lead Plastic Micro Small Outline
MNY(1) = 8-Lead Plastic Dual Flat, No Lead
P
= 8-Lead Plastic PDIP (300mil body)
Examples:
a)
MCP7940M-I/SN: Industrial Tempera-
ture, SOIC package.
b)
MCP7940MT-I/SN: Industrial Tempera-
ture, SOIC package, Tape and Reel.
c)
MCP7940MT-I/MNY: Industrial Tempera-
ture, TDFN package.
d)
MCP7940M-I/P: Industrial Temperature,
PDIP package.
e)
MCP7940M-I/MS: Industrial Tempera-
ture MSOP package.
f)
MCP7940M-I/ST: Industrial Temperature,
TSSOP package.
g)
MCP7940MT-I/ST: Industrial Temperature,
TSSOP package, Tape and Reel.
Note 1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com