Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX110 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 16Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 17Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 18Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 19Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 20Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 21Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 22Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 23Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Description
Width A
Thickness B
Length
Type
Order No.
Conical long
Ø 0,2 mm
19,0 mm
LT 1L
005 44 423 99
Conical long
Ø 0,4 mm
19,0 mm
LT S
005 44 406 99
Conical long**
Ø 0,6 mm
19,0 mm
LT TLF
005 44 482 00
Conical long**
Ø 1,0 mm
19,0 mm
LT OLF
005 44 492 00
Conical long bent
Ø 0,2 mm
24,0 mm
LT 1LX
005 44 424 99
Gull wing 45°
Ø 2,3 mm
3,2 mm
17,0 mm
LT GW
005 44 410 00
Gull wing 45°**
Ø 2,3 mm
3,2 mm
17,0 mm
LT GWLF
005 44 475 00
Knife tip**
6,2 mm
16,0 mm
LT KNLF
005 44 479 00
LT Measuring tip
005 44 416 00
for thermo element Ø 0,5 mm
LT Screw in tip with M4 thread
005 44 449 99
A
B
C
C
B
A
A
C
B
Description
Width A
Thickness B
Length C
Type
Order No.
Blade
10,4 mm
0,6 mm
7,1 mm
LT SMT01
LTSMT01
Blade
16,8 mm
0,6 mm
7,1 mm
LT SMT02
LTSMT02
Blade
20,8 mm
0,6 mm
7,1 mm
LT SMT03
LTSMT03
Slot
1,8 mm
3,4 mm
1,8 mm
LT SMT04
LTSMT04
Slot
1,5 mm
2,3 mm
1,8 mm
LT SMT05
LTSMT05
Slot
2,5 mm
1,7 mm
1,4 mm
LT SMT06
LTSMT06
Slot
2,3 mm
4,5 mm
1,8 mm
LT SMT07
LTSMT07
Tunnel
4,6 mm
5,1 mm
2,3 mm
LT SMT08
LTSMT08
Tunnel
10,4 mm
5,1 mm
2,3 mm
LT SMT09
LTSMT09
Tunnel
11,5 mm
6,9 mm
2,3 mm
LT SMT10
LTSMT10
Tunnel
13,2 mm
9,5 mm
3,2 mm
LT SMT11
LTSMT11
Tunnel
15,8 mm
9,5 mm
3,2 mm
LT SMT12
LTSMT12
Tunnel
18,3 mm
9,5 mm
3,2 mm
LT SMT13
LTSMT13
Tunnel
18,8 mm
9,0 mm
3,2 mm
LT SMT14
LTSMT14
Quad
2,7 mm
7,7 mm
3,8 mm
LT SMT15
LTSMT15
Quad
10,4 mm
10,4 mm
3,8 mm
LT SMT16
LTSMT16
Quad
12,7 mm
12,7 mm
3,8 mm
LT SMT17
LTSMT17
Quad
13,7 mm
8,6 mm
3,8 mm
LT SMT18
LTSMT18
Quad
19,1 mm
19,1 mm
3,8 mm
LT SMT19
LTSMT19
Quad
23,2 mm
17,3 mm
3,8 mm
LT SMT20
LTSMT20
Quad
24,5 mm
24,5 mm
3,8 mm
LT SMT21
LTSMT21
Quad
29,6 mm
29,6 mm
3,8 mm
LT SMT22
LTSMT22
B
C
A
*
H
HP
PB
B sso
olld
de
err = solder with high consumption of lead for special applictations
** L
Le
ea
ad
d ffrre
ee
e sso
olld
de
err = the LF soldering tips have thicker layer of iron. This improves the lifetime and makes them ideal for working with lead free solder.
Regular soldering tips can be used with lead free solder but it reduces their lifetime for physical reasons.
Soldering Tips
for WSP 80, WSP 80IG, WSP 80FE and MPR 80
WSP 80 (FE)
MPR 80
21
SMT soldering tip for reworks on SMT compontents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com