Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6044TECH Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6044TECH
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044TECH Datasheet(HTML) 5 Page - Microchip Technology

  MCP6044TECH Datasheet HTML 1Page - Microchip Technology MCP6044TECH Datasheet HTML 2Page - Microchip Technology MCP6044TECH Datasheet HTML 3Page - Microchip Technology MCP6044TECH Datasheet HTML 4Page - Microchip Technology MCP6044TECH Datasheet HTML 5Page - Microchip Technology MCP6044TECH Datasheet HTML 6Page - Microchip Technology MCP6044TECH Datasheet HTML 7Page - Microchip Technology MCP6044TECH Datasheet HTML 8Page - Microchip Technology MCP6044TECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 5
MCP6041/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, and CL =60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift
with TA = -40°C to +85°C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =1.4V.
FIGURE 2-4:
Input Offset Voltage Drift
with TA = +85°C to +125°C and VDD =1.4V.
FIGURE 2-5:
Input Offset Voltage Drift
with TA = +25°C to +125°C and VDD =5.5V.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
-3
-2
-1
0123
Input Offset Voltage (mV)
1124 Samples
VDD = 1.4V and 5.5V
VCM = VSS
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
-10
-8-6
-4-2
0
2
4
6
8
10
Input Offset Voltage Drift (µV/°C)
1124 Samples
TA = -40°C to +85°C
VDD = 1.4V
VCM = VSS
-2000
-1500
-1000
-500
0
500
1000
1500
2000
Common Mode Input Voltage (V)
VDD = 1.4V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
-32 -28 -24 -20 -16 -12
-8
-4
0
4
Input Offset Voltage Drift (µV/°C)
245 Samples
1 Representative Lot
TA = +85°C to +125°C
VDD = 1.4V
VCM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
-32 -28 -24 -20 -16 -12
-8
-4
0
4
Input Offset Voltage Drift (µV/°C)
239 Samples
1 Representative Lot
TA = +85°C to +125°C
VDD = 5.5V
VCM = VSS
-2000
-1500
-1000
-500
0
500
1000
1500
2000
Common Mode Input Voltage (V)
VDD = 5.5V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com