Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6041-IP Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6041-IP
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041-IP Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6041-IP Datasheet HTML 25Page - Microchip Technology MCP6041-IP Datasheet HTML 26Page - Microchip Technology MCP6041-IP Datasheet HTML 27Page - Microchip Technology MCP6041-IP Datasheet HTML 28Page - Microchip Technology MCP6041-IP Datasheet HTML 29Page - Microchip Technology MCP6041-IP Datasheet HTML 30Page - Microchip Technology MCP6041-IP Datasheet HTML 31Page - Microchip Technology MCP6041-IP Datasheet HTML 32Page - Microchip Technology MCP6041-IP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 29
MCP6041/2/3/4
APPENDIX A: REVISION HISTORY
Revision C (February 2008)
The following is the list of modifications:
1.
Updated Figure 2-4 and Figure 2-5.
2.
Updated trademark and Sales listing pages.
3.
Expanded this op amp family:
4.
Added the SOT-23-6 package for the MCP6043
op amp with Chip Select.
5.
Added
Extended
Temperature
(-40°C
to
+125°C) parts.
6.
Expanded Analog Input Absolute Max Voltage
Range (applies retroactively).
7.
Expanded operating VDD to a maximum of 6.0V.
8.
Section 1.0
“Electrical
Characteristics”
updated.
9.
Section 2.0 “Typical Performance Curves”
updated.
10.
Section 3.0 “Pin Descriptions” added.
11.
Section 4.0 “Applications Information”.
12. Added
Section 4.7 “Unused Op Amps”.
13. Updated input stage explanation.
14.
Section 5.0 “Design Aids” updated.
15.
Section 6.0 “Packaging Information”.
16. Added SOT-23-6 package.
17. Corrected package marking information.
18.
Appendix A: “Revision History” added.
Revision B (June 2002)
The following is the list of modifications.
• Undocumented changes.
Revision A (August 2001)
• Original data sheet release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com