Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP42010 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP42010
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42010 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP42010 Datasheet HTML 14Page - Microchip Technology MCP42010 Datasheet HTML 15Page - Microchip Technology MCP42010 Datasheet HTML 16Page - Microchip Technology MCP42010 Datasheet HTML 17Page - Microchip Technology MCP42010 Datasheet HTML 18Page - Microchip Technology MCP42010 Datasheet HTML 19Page - Microchip Technology MCP42010 Datasheet HTML 20Page - Microchip Technology MCP42010 Datasheet HTML 21Page - Microchip Technology MCP42010 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 18
 2003 Microchip Technology Inc.
FIGURE 5-1:
Timing Diagram for Writing Instructions or Data to a Digital Potentiometer.
FIGURE 5-2:
Command Byte Format.
SO‡
SI
SCK
CS†
2345
67
8
9 10
1
New Register Data
D7 D6 D5 D4 D3 D2 D1 D0
P1* P0
11 12 13 14 15 16
X
C1 C0 X
X
X
Channel
Select
Bits
Data Registers are
loaded on rising
edge of CS. Shift
First 16 bits shifted out will always be zeros
Don’t
Care
Bits
Command
Bits
Don’t
Care
Bits
† There must always be multiples of 16 clocks while CS is low or commands will abort.
‡ The serial data out pin (SO) is only available on the MCP42XXX device.
* P1 is a ‘don’t care’ bit for the MCP41XXX.
COMMAND Byte
Data Byte
X
register is loaded
with zeros at this time.
Data is always latched
in on the rising edge
Data is always clocked out
of the SO pin after the
SO pin will always
drive low when CS
goes high.
of SCK.
falling edge of SCK.
P1* P0
Potentiometer Selections
0
0
Dummy Code: Neither Potentiometer
affected.
0
1
Command executed on
Potentiometer 0.
1
0
Command executed on
Potentiometer 1.
1
1
Command executed on both
Potentiometers.
P0
P1*
XX
X
XC1 C0
COMMAND BYTE
C1 C0 Command
Command Summary
0
0
None
No Command will be executed.
0
1
Write Data
Write the data contained in Data Byte to the
potentiometer(s) determined by the potenti-
ometer selection bits.
1
0
Shutdown
Potentiometer(s) determined by potentiome-
ter selection bits will enter Shutdown Mode.
Data bits for this command are ‘don’t cares’.
1
1
None
No Command will be executed.
Command
Selection
Bits
Potentiometer
Selection
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com